Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD-474 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # TSD-474
Description  ETHERNET / CHEAPERNET LAN COUPLING TRANSFORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

TSD-474 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  TSD-474 Datasheet HTML 1Page - Premier Magnetics, Inc. TSD-474 Datasheet HTML 2Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
27111 Aliso Creek Road, Suite 175
AlisoViejo,California92656
Phone:
(714)362-4211
Fax:
(714)362-4212
M
P Premier
Magnetics Inc.
Specifications subject to change without notice.
14
A8DB101150
1:1
32
1.5
2.8
7.0
.15
.20
2000
D8DB101150
1:1
32
1.5
2.8
7.0
.15
.20
2000
D8CB101150
1:1
32
1.5
2.8
7.0
.15
.20
500
A8DB101170
1:1
40
1.7
3.0
8.0
.15
.25
2000
D8DB101170
1:1
40
1.7
3.0
8.0
.15
.25
2000
D8CB101170
1:1
40
1.7
3.0
8.0
.15
.25
500
A8DB101190
1:1
50
1.9
3.0
8.0
.20
.25
2000
D8DB101190
1:1
50
1.9
3.0
8.0
.20
.25
2000
D8CB101190
1:1
50
1.9
3.0
8.0
.20
.25
500
A8DB101240
1:1
75
2.4
3.2
9.0
.20
.30
2000
D8DB101240
1:1
75
2.4
3.2
9.0
.20
.30
2000
D8CB101240
1:1
75
2.4
3.2
9.0
.20
.30
500
A8DB101270
1:1
100
2.7
3.4
10.0
.25
.30
2000
D8DB101270
1:1
100
2.7
3.4
10.0
.25
.30
2000
D8CB101270
1:1
100
2.7
3.4
10.0
.25
.30
500
A8DB101330
1:1
150
3.3
3.5
12.0
.25
.30
2000
D8DB101330
1:1
150
3.3
3.5
12.0
.25
.30
2000
D8CB101330
1:1
150
3.3
3.5
12.0
.25
.30
500
D8DB101350
1:1
200
3.5
3.5
14.0
.30
.30
2000
D8CB101350
1:1
200
3.5
3.5
14.0
.30
.30
500
D8DB101370
1:1
250
3.7
3.6
16.0
.35
.30
2000
D8CB101370
1:1
250
3.7
3.6
16.0
.35
.30
500
ETHERNET / CHEAPERNET LAN COUPLING TRANSFORMERS
FEATURES
Ê Designed to meet IEEE 802.3 (10 Base 2, 10 Base 5)
Í Fast Rise Times
Ë Low Profile DIP or SMD Package
Î 500 or 2000Vrms Minimum Isolation
Ì Low Leakage Inductance and Winding Capacitance
Ï Triple Core Package
PRIMARY
OCL
(µµµµµH ± 20%)
DCR
(Ohms Max.)
HIPOT
Vrms Min.
PRIMARY
ET CONSTANT
(V-µµµµµsec Min.)
PRI / SEC
L
L
(µµµµµH Max.)
PRI-SEC
Cw/w
(pf Max.)
RISE
TIME
(ns Max.)
ELECTRICAL SPECIFICATIONS AT 25OC PER CORE
TURNS
RATIO
(± 5%)
PART
NUMBER
PHYSICAL DIMENSIONS .... DIMENSIONS IN INCHES (mm)
NOTE: For Gull Wing Package Change "D8" to "G8"
"D8" PACKAGE
SCHEMATIC DIAGRAM "B"
"G8" PACKAGE
"A8" PACKAGE
.300
(7.62)
.340
(8.64)
.008R
(0.20)
.010
(0.25)
.280
(7.11)
MAX
.120
(3.05)
MIN
.200
(5.08)
MAX
.020 (.51)
.010 (.25)
.100
(2.54)
TYP
.020
(0.51)
TYP
.050
(1.27)
TYP
.880
(22.35)
MAX
PIN#1
DOT
.200
(5.08)
MAX
.020 (.51)
.010 (.25)
.100
(2.54)
TYP
.020
(0.51)
TYP
.050
(1.27)
TYP
.880
(22.35)
MAX
PIN#1
DOT
FLAT
.010
(0.25)
TYP
.425 (10.80)
.390 (9.90)
.030 (0.76)
.020 (0.51)
.008R
(0.20)
.280
(7.11)
MAX
9
12
16
15
7
15
13
10
4
28
PRI.
SEC.
SEC.
SEC.
PRI.
PRI.
3
14
11
6
.900
(22.86)
MAX
.100
(2.54)
.120
(3.05)
MIN
.250
(6.35)
MAX
.700
(17.78)
.020
(0.51)
.400
(12.70)
MAX
.300
(7.62)
DIA
PIN#1
DOT


Similar Part No. - TSD-474

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
TSD-02-SAC PHOENIX-TSD-02-SAC Datasheet
52Kb / 3P
   Torque screwdriver, with preset torque of 0.2 Nm and 4 mm hexagonal drive for M8 connectors
TSD-04-SAC PHOENIX-TSD-04-SAC Datasheet
53Kb / 3P
   Wide range of SAC... nuts for various different applications
TSD-08-SAC PHOENIX-TSD-08-SAC Datasheet
52Kb / 2P
   For the TSD-M... torque screwdrivers, the torque can be custom-set
logo
Amphenol Corporation
TSD-10 AMPHENOL-TSD-10 Datasheet
107Kb / 2P
   Turbidity Sensor
logo
TECHNOLOGY ASSISTANCE B...
TSD-1000H-12 TAB-TSD-1000H-12 Datasheet
368Kb / 2P
   1000 WATT SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - TSD-474

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APT-104 ABRACON-APT-104 Datasheet
412Kb / 4P
   LAN COUPLING TRANSFORMERS
logo
PCA ELECTRONICS INC.
EP9547-1 PCA-EP9547-1 Datasheet
81Kb / 1P
   Isolation Transformers for LAN-Ethernet Applications
EPA1473J-1 PCA-EPA1473J-1 Datasheet
56Kb / 1P
   Isolation Transformers for LAN-Ethernet Applications
EP9531G-1 PCA-EP9531G-1 Datasheet
92Kb / 1P
   Isolation Transformers for LAN-Ethernet Applications
EPA1885-1 PCA-EPA1885-1 Datasheet
24Kb / 1P
   Isolation Transformers for LAN-Ethernet Applications
EP9531-1 PCA-EP9531-1 Datasheet
21Kb / 1P
   Isolation Transformers for LAN-Ethernet Applications
EP9547G-1 PCA-EP9547G-1 Datasheet
87Kb / 1P
   Isolation Transformers for LAN-Ethernet Applications
logo
Advanced Micro Devices
AM7996EVAL-HW AMD-AM7996EVAL-HW Datasheet
39Kb / 2P
   Ethernet/Cheapernet Transceiver Evaluation Kit
AM7996 AMD-AM7996 Datasheet
179Kb / 18P
   IEEE 802.3/Ethernet/Cheapernet Transceiver
logo
Bi technologies
HT84 BITECH-HT84 Datasheet
71Kb / 5P
   ADSL Coupling Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com