Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO3B3126A Datasheet(PDF) 4 Page - Potato Semiconductor Corporation

Part # PO3B3126A
Description  8-Bit, 2-Port Bus Switch w/ Individual Enables
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3B3126A Datasheet(HTML) 4 Page - Potato Semiconductor Corporation

  PO3B3126A Datasheet HTML 1Page - Potato Semiconductor Corporation PO3B3126A Datasheet HTML 2Page - Potato Semiconductor Corporation PO3B3126A Datasheet HTML 3Page - Potato Semiconductor Corporation PO3B3126A Datasheet HTML 4Page - Potato Semiconductor Corporation PO3B3126A Datasheet HTML 5Page - Potato Semiconductor Corporation PO3B3126A Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Copyright © Potato Semiconductor Corporation
4
Switching Characteristics over 2.5V Operating Range
Parameters
Description
Conditions
Units
Max.
tPLH
tPHL
See Test Diagram
0.3
ns
tPZH
tPZL
See Test Diagram
2.0
tPHZ
tPLZ
3.0
Test Circuit for Electrical Characteristics
RT
10pF
CL
VCC
VIN
VOUT
200-ohm
200-ohm
6.0V
Pulse
Generator
D.U.T
Switch Positions
Test
Switch
tPLZ, tPZL
6.0V
tPHZ, tPZH
GND
Prop Delay
Open
Switching Waveforms
tPLZ
1.25V
1.25V
2.5V
VOH
0V
VOL
VDD/2
VDD/2
tPHZ
tPZL
tPZH
Output
Output
VOL +0.3V
VOH –0.3V
VOL
VOH
SEL
Input
tPLH
2.5V
2.5V
2.5V
2.5V
tPHL
3.5V
1.5V
Output
VOH
VOL
Voltage Waveforms Propagation Delay Times
Voltage Waveforms Enable and Disable Times
High Bandwidth Potato Chip
Propogation Delay
Bus Enable Time
Bus Disable Time
02/04/08
High-Bandwidth, 4-Bit, 2-Port Bus Switch
w/ Individual Enables
PO3B3126A
High Bandwidth Potato Chip


Similar Part No. - PO3B3126A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B3126A POTATO-PO3B3126A_14 Datasheet
1Mb / 5P
   High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
More results

Similar Description - PO3B3126A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B3305A POTATO-PO3B3305A Datasheet
574Kb / 6P
   Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3125A POTATO-PO3B3125A Datasheet
551Kb / 6P
   High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3126A POTATO-PO3B3126A_14 Datasheet
1Mb / 5P
   High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
PO3B3125A POTATO-PO3B3125A_14 Datasheet
1Mb / 5P
   High-Bandwidth, 4-Bit, 2-Port Bus Switch w/ Individual Enables
logo
Pericom Semiconductor C...
PI5C3305 PERICOM-PI5C3305 Datasheet
38Kb / 3P
   2-Bit Bus Switch with Individual Enables
PI5C3305 PERICOM-PI5C3305_09 Datasheet
490Kb / 6P
   2-Bit Bus Switch with Individual Enables
PI3C3305 PERICOM-PI3C3305 Datasheet
479Kb / 6P
   2.5V/3.3V, High Bandwidth, Hot Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PI3C3306UEX PERICOM-PI3C3306UEX Datasheet
789Kb / 7P
   2.5V/3.3V, High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PI3B3125 PERICOM-PI3B3125 Datasheet
414Kb / 6P
   3.3V, 4-Bit, 2-Port Nanoswitch w/Individual Enables
logo
Potato Semiconductor Co...
PO3B3306A POTATO-PO3B3306A_14 Datasheet
1Mb / 5P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com