Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD-801 Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # TSD-801
Description  SUPPORT PRODUCTS FOR MICRO LINEAR I.C.S
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

TSD-801 Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  TSD-801 Datasheet HTML 1Page - Premier Magnetics, Inc. TSD-801 Datasheet HTML 2Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
mlsuport 09/98
SUPPORT PRODUCTS
FOR MICRO LINEAR I.C.'S
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
GENERAL ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERTURE RANGE 0OC TO +70OC
The following magnetics have been designed for use with a variety of Micro Linear semiconductors.
To receive complete specifications & application information, please contact the factory or fill out our
Literature Request form to recieve the respective part number detail data sheet.
PART
NUMBER
Micro Linear
I.C.
Part Number
Package
APPLICATION INFORMATION
TSD-734
ML4824
PFC Boost Inductor, ML4824-1 EVAL, 100W @ 50KHz
E375
TSD-735
ML4824
Main Switching Transformer, ML4824-1 EVAL, 100W @ 100KHz
EE30
TSD-1047
ML4824
PFC Boost Inductor, ML4824-2 EVAL, 100W @ 100KHz
E375
TSD-1048
ML4824
Main Switching Transformer, ML4824-2 EVAL, 100W @ 200KHz
EI33/29
PMGD-03
ML4824
Gate Drive Transformer (formerly TSD-736), ML4824-1 EVAL
EP7
TSD-845
ML4826
PFC Boost Inductor, ML4826 @ 500W
E55/21
TSD-835
ML4826
Main Switching Transformer, ML4826, 500W Multiple Outputs
ETD-49
TSD-939
ML4826
PFC Boost Inductor, ML4826 @ 650W
E55/21
TSD-938
ML4826
Main Switching Transformer, ML4826, 650W Multiple Outputs
E55/21
TSD-746
ML4831
Boost Inductor, T1 on ML4831 220V EVAL Board
EF25-VERT
TSD-917
ML4831
Boost Inductor, T1 HORZ version on ML4831 220V EVAL Board
EF25-HORZ
PMGD-04
ML4831
Gate Drive, T2 on ML4831 220V EVAL Board (formerly TSD-747)
EP10
TSD-748
ML4831
Main Switching Transformer, T4 on ML4831 220V EVAL Board
EF25-VERT
TSD-749
ML4831
Current Sense Transformer, T5 on ML4831 220V EVAL Board
EF25-VERT
TSD-789
ML4821
T1 on ML4821-EVAL, PFC Controller
PQ40
TSD-780
ML4831
Main Switching Transformer, T4 on ML4831 277V EVAL Board
EF25-VERT
TSD-843
ML4831
Main Switching Transformer, T4 HORZ version ML4831 277V EVAL EF25-HORZ
TSD-800
ML4831
Main Switching Transformer, T3 on ML4831 220V Low Cost EVAL EF25-VERT
TSD-801
ML4831
Power Transformer, T3 Variation on ML4831 220V EVAL Board
EF25-VERT
TSD-918
ML4831
Power Transformer, T3 HORZ version Variation on ML4831 220V EF25-HORZ
TSD-802
ML4831
Main Transformer, T4 Variation on ML4831 220V EVAL
EF25-VERT
TSD-919
ML4831
Main Transformer, T4 HORZ version Variation on ML4831 220V
EF25-HORZ
TSD-831
ML4831
Boost Inductor, T1 on ML4831 120V EVAL Board
EF25-VERT
TSD-844
ML4831
Boost Inductor, T1 HORZ version ML4831 120V EVAL
EF25-HORZ
TSD-902
ML4831
100KHz ZVS PFC Boost Inductor
E42/20
TSD-903
ML4831
100KHz ZVS PFC Resonant Inductor
E2425
TSD-882
ML4832
Boost Inductor, T1 on ML4832 220V EVAL Board
EF25-VERT
TSD-965
ML4833
Boost Inductor, T1 on ML4833 220V Dimming EVAL Board
EF25-VERT
TSD-1086
ML4833
Boost Inductor, T1 HORZ version, ML4833 220V Dimming EVAL
EF25-HORZ
TSD-1082
ML4833
Boost Inductor, T1 on ML4833 120V Dimming EVAL Board
EF25-VERT
TSD-1087
ML4833
Boost Inductor, T1 HORZ version, ML4833 120V Dimming EVAL
EF25-HORZ
TSD-892
ML4833
Boost Inductor, T4 on ML4833 220V Dimming EVAL Board
EF25-VERT
TSD-1085
ML4833
Boost Inductor, T4 HORZ version, ML4833 220V Dimming EVAL
EF25-HORZ
TSD-756
ML4863
Flyback Transformer, Vin = 3.3V, Vout= 3.3V, 5.0V & 12V
EF25-VERT
TSD-904
ML4900
15A Powdered Iron inductor, 1.4uHy
Toroid


Similar Part No. - TSD-801

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
TSD-812 PMI-TSD-812 Datasheet
301Kb / 9P
   OFF-LINE SWITCH MODE TRANSFORMERS
TSD-813 PMI-TSD-813 Datasheet
301Kb / 9P
   OFF-LINE SWITCH MODE TRANSFORMERS
TSD-8151 PMI-TSD-8151 Datasheet
301Kb / 9P
   OFF-LINE SWITCH MODE TRANSFORMERS
TSD-816 PMI-TSD-816 Datasheet
301Kb / 9P
   OFF-LINE SWITCH MODE TRANSFORMERS
TSD-825 PMI-TSD-825 Datasheet
301Kb / 9P
   OFF-LINE SWITCH MODE TRANSFORMERS
More results

Similar Description - TSD-801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD22EVM TI1-SN65HVD22EVM Datasheet
399Kb / 25P
[Old version datasheet]   High-Performance Linear/Interface Products
logo
Nuvotem Talema
W83977EG-AW TALEMA-W83977EG-AW Datasheet
1Mb / 142P
   These products are not designed for use in life support appliances
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A Datasheet
232Kb / 14P
   TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
logo
STMicroelectronics
AN4085 STMICROELECTRONICS-AN4085 Datasheet
793Kb / 16P
   STMicroelectronics has developed micro battery products
AN4351 STMICROELECTRONICS-AN4351 Datasheet
219Kb / 10P
   STMicroelectronics has developed micro battery products
logo
Richco, Inc.
DLMSPM-9-01 RICHCO-DLMSPM-9-01 Datasheet
53Kb / 1P
   DUAL LOCKING MINI SUPPORT POST, MICRO
logo
Schneider Electric
NSYSPCP SCHNEIDER-NSYSPCP Datasheet
97Kb / 2P
   Cable ducting support to be used with 22mm-diameter products
Nov 24, 2021
logo
Sanken electric
SLA7042M SANKEN-SLA7042M_10 Datasheet
53Kb / 2P
   2W1-2 Phase Excitation/Micro-step Support
logo
Ohmite Mfg. Co.
SINK-CP4 OHMITE-SINK-CP4 Datasheet
436Kb / 2P
   Designed for Ohmite products
logo
Kyocera Kinseki Corpota...
CX3225GB KSS-CX3225GB Datasheet
67Kb / 1P
   3.2횞2.5mm for Consumer Products
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com