Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO3B1000AQU Datasheet(PDF) 2 Page - Potato Semiconductor Corporation

Part # PO3B1000AQU
Description  Hot Insertion 10-Channel 2-Port Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3B1000AQU Datasheet(HTML) 2 Page - Potato Semiconductor Corporation

  PO3B1000AQU Datasheet HTML 1Page - Potato Semiconductor Corporation PO3B1000AQU Datasheet HTML 2Page - Potato Semiconductor Corporation PO3B1000AQU Datasheet HTML 3Page - Potato Semiconductor Corporation PO3B1000AQU Datasheet HTML 4Page - Potato Semiconductor Corporation PO3B1000AQU Datasheet HTML 5Page - Potato Semiconductor Corporation PO3B1000AQU Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Storage Temperature ................................................ –65°C to +150°C
Ambient Temperature with Power Applied ............... –40°C to +85°C
Supply Voltage to Ground Potential ........................... –0.5V to +4.6V
DC Input Voltage ........................................................ –0.5V to +Vcc
DC Output Current................................................................... 120mA
Power Dissipation ....................................................................... 0.5W
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics, 3.3V Supply
(Over the Operating Range, TA = –40°C to +85°C, VCC = 3.3V ±10%)
Parameters
Description
Test Conditions
Min. Typ.
Max. Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
0.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZH
High Impedance Output Current 0 ≤ Y, In ≤ VCC
±1
RON
Switch On-Resistance
VCC = Min., VIN = 0.0V,
ION = -48 mA or -64mA
10
14
VCC = Min., VIN = VCC , ION = -15 mA
10
14
DC Electrical Characteristics, 2.5V Supply
(Over Operating Range, TA = –40°C to +85°C, VCC = 2.5V ± 10%)
Parameters
Description
Test Conditions
Min.
Typ.
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
1.8
VCC + 0.3
V
VIL
Inout LOW Voltage
Guaranteed Logic LOW Level
–0.3
0.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZH
High Impedance Current
0 ≤ Y, In ≤ VCC
±1
RON
Switch On Resistance
VCC = Min., VIN = 0.0V,
ION = –48mA
12
16
VCC = Min., VIN = 2.25V,
ION = -15mA
14
18
Note:
Stresses greater than those listed under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating
only and functional operation of the device at
these or any other conditions above those
indicated in the operational sections of this
specification is not implied. Exposure to
absolute maximum rating conditions for
extended periods may affect reliability.
Copyright © Potato Semiconductor Corporation
2
12/26/08
Hot Insertion 10-Channel 2-Port Bus Switch
PO3B1000A
High Bandwidth Potato Chip


Similar Part No. - PO3B1000AQU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B1000A POTATO-PO3B1000A_14 Datasheet
1Mb / 6P
   Hot Insertion 10-Channel 2-Port Bus Switch
More results

Similar Description - PO3B1000AQU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B1000A POTATO-PO3B1000A_14 Datasheet
1Mb / 6P
   Hot Insertion 10-Channel 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI3B32X245 PERICOM-PI3B32X245 Datasheet
227Kb / 3P
   3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch
PI3B32X245 PERICOM-PI3B32X245_06 Datasheet
317Kb / 4P
   3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch
PI3C3384 PERICOM-PI3C3384 Datasheet
308Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
PI3C3861-AQE PERICOM-PI3C3861-AQE Datasheet
364Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot-Insertion, 10-Bit, 2-Port, Bus Switch
PI3C3861-A PERICOM-PI3C3861-A Datasheet
365Kb / 2P
   2.5V/3.3V, High Bandwidth, Hot-Insertion,10-Bit, 2-Port, Bus Switch
PI3C3384 PERICOM-PI3C3384_11 Datasheet
683Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
logo
Potato Semiconductor Co...
PO3B3305A POTATO-PO3B3305A Datasheet
574Kb / 6P
   Hot-Insertion, 2-Bit, 2-Port Bus Switch w/ Individual Enables
PO3VT3245A POTATO-PO3VT3245A Datasheet
543Kb / 6P
   Hot Insertion 8-Bit, 2-Port, Low Voltage Translator Bus Switch
PO3VT3306A POTATO-PO3VT3306A_14 Datasheet
1Mb / 5P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port, Signal Voltage Translator Bus Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com