Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO3B341ATR Datasheet(PDF) 2 Page - Potato Semiconductor Corporation

Part # PO3B341ATR
Description  High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3B341ATR Datasheet(HTML) 2 Page - Potato Semiconductor Corporation

  PO3B341ATR Datasheet HTML 1Page - Potato Semiconductor Corporation PO3B341ATR Datasheet HTML 2Page - Potato Semiconductor Corporation PO3B341ATR Datasheet HTML 3Page - Potato Semiconductor Corporation PO3B341ATR Datasheet HTML 4Page - Potato Semiconductor Corporation PO3B341ATR Datasheet HTML 5Page - Potato Semiconductor Corporation PO3B341ATR Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Storage Temperature ................................................ –65°C to +150°C
Ambient Temperature with Power Applied ............... –40°C to +85°C
Supply Voltage to Ground Potential ........................... –0.5V to +4.6V
DC Input Voltage ........................................................ –0.5V to +Vcc
DC Output Current................................................................... 120mA
Power Dissipation ....................................................................... 0.5W
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics, 3.3V Supply
(Over the Operating Range, TA = –40°C to +85°C, VCC = 3.3V ±10%)
Parameters
Description
Test Conditions
Min. Typ.
Max. Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
0.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZH
High Impedance Output Current 0 ≤ Y, In ≤ VCC
±1
RON
Switch On-Resistance
VCC = Min., VIN = 0.0V,
ION = -48 mA or -64mA
16
20
VCC = Min., VIN = VCC , ION = -15 mA
14
18
DC Electrical Characteristics, 2.5V Supply
(Over Operating Range, TA = –40°C to +85°C, VCC = 2.5V ± 10%)
Parameters
Description
Test Conditions
Min.
Typ.
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
1.8
VCC + 0.3
V
VIL
Inout LOW Voltage
Guaranteed Logic LOW Level
–0.3
0.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZH
High Impedance Current
0 ≤ Y, In ≤ VCC
±1
RON
Switch On Resistance
VCC = Min., VIN = 0.0V,
ION = –48mA
20
24
VCC = Min., VIN = 2.25V,
ION = -15mA
20
24
Note:
Stresses greater than those listed under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating
only and functional operation of the device at
these or any other conditions above those
indicated in the operational sections of this
specification is not implied. Exposure to
absolute maximum rating conditions for
extended periods may affect reliability.
Copyright © Potato Semiconductor Corporation
2
12/26/08
High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
PO3B341A
High Bandwidth Potato Chip


Similar Part No. - PO3B341ATR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B341A POTATO-PO3B341A_14 Datasheet
1Mb / 6P
   High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
More results

Similar Description - PO3B341ATR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B341A POTATO-PO3B341A_14 Datasheet
1Mb / 6P
   High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
logo
Pericom Semiconductor C...
PI3V341 PERICOM-PI3V341 Datasheet
629Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
logo
Potato Semiconductor Co...
PO3B512A POTATO-PO3B512A_14 Datasheet
1Mb / 5P
   Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PO3B512A POTATO-PO3B512A Datasheet
552Kb / 6P
   Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI3V314 PERICOM-PI3V314 Datasheet
348Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux VideoSwitch
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
   3:1 Mux/DeMux Bus Switch
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
   3:1 Mux/Demux Bus Switch
logo
M/A-COM Technology Solu...
M20001-BRF-001-A MA-COM-M20001-BRF-001-A Datasheet
193Kb / 2P
   High Bandwidth Dual 2:1 Mux/DeMux Passive Switch
M20001-BRF-001-A MA-COM-M20001-BRF-001-A_15 Datasheet
193Kb / 2P
   High Bandwidth Dual 2:1 Mux/DeMux Passive Switch
logo
Pericom Semiconductor C...
PI3DBV40 PERICOM-PI3DBV40 Datasheet
424Kb / 8P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com