Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO3B40ATR Datasheet(PDF) 4 Page - Potato Semiconductor Corporation

Part # PO3B40ATR
Description  Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3B40ATR Datasheet(HTML) 4 Page - Potato Semiconductor Corporation

  PO3B40ATR Datasheet HTML 1Page - Potato Semiconductor Corporation PO3B40ATR Datasheet HTML 2Page - Potato Semiconductor Corporation PO3B40ATR Datasheet HTML 3Page - Potato Semiconductor Corporation PO3B40ATR Datasheet HTML 4Page - Potato Semiconductor Corporation PO3B40ATR Datasheet HTML 5Page - Potato Semiconductor Corporation PO3B40ATR Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Copyright © Potato Semiconductor Corporation
4
Switching Characteristics over 2.5V Operating Range
Parameters
Description
Conditions
Units
Max.
tPLH
tPHL
See Test Diagram
0.3
ns
tPZH
tPZL
See Test Diagram
2.0
tPHZ
tPLZ
3.0
Test Circuit for Electrical Characteristics
RT
10pF
CL
VCC
VIN
VOUT
200-ohm
200-ohm
6.0V
Pulse
Generator
D.U.T
Switch Positions
Test
Switch
tPLZ, tPZL
6.0V
tPHZ, tPZH
GND
Prop Delay
Open
Switching Waveforms
tPLZ
1.25V
1.25V
2.5V
VOH
0V
VOL
VDD/2
VDD/2
tPHZ
tPZL
tPZH
Output
Output
VOL +0.3V
VOH –0.3V
VOL
VOH
SEL
Input
tPLH
2.5V
2.5V
2.5V
2.5V
tPHL
3.5V
1.5V
Output
VOH
VOL
Voltage Waveforms Propagation Delay Times
Voltage Waveforms Enable and Disable Times
Propogation Delay
Bus Enable Time
Bus Disable Time
02/16/08
Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux
with Single Enable
PO3B40A
High Bandwidth Potato Chip


Similar Part No. - PO3B40ATR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B40A POTATO-PO3B40A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
More results

Similar Description - PO3B40ATR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B40A POTATO-PO3B40A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
PO3B20A POTATO-PO3B20A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3DBV40 PERICOM-PI3DBV40 Datasheet
424Kb / 8P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
PI3DBV20 PERICOM-PI3DBV20 Datasheet
305Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PI3DBV10 PERICOM-PI3DBV10 Datasheet
335Kb / 6P
   3.3V, Wide Bandwidth, 1-Channel, 2:1 Mux/ DeMux Video Switch w/ Single Enable
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
   3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
logo
Potato Semiconductor Co...
PO3B14A POTATO-PO3B14A_14 Datasheet
1Mb / 6P
   2 channel 4:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB10ZEEX PERICOM-PI3USB10ZEEX Datasheet
489Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
logo
Potato Semiconductor Co...
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, Dual 2:1 Mux/DeMux
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com