Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PNK-56004 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PNK-56004
Description  OFF-LINE SWITCH MODE LINK SWITCH TRANSFORMERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PNK-56004 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PNK-56004 Datasheet HTML 1Page - Premier Magnetics, Inc. PNK-56004 Datasheet HTML 2Page - Premier Magnetics, Inc. PNK-56004 Datasheet HTML 3Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
02/10/09
OFF-LINE SWITCH MODE
LINK SWITCH TRANSFORMERS
GENERAL ELECTRICAL SPECIFICATIONS AT 25OC
PART
NUMBER
Output
Voltages
(Vdc)
Output
Currents
(mAmp)
Package
number
Recommended
Power Intgr.
Controller
PNK-30001
LINK-TN
12
250
3
4
PNK-36001
LINK-XT
5/18
100/300
5.9
3
PNK-36002
LINK-XT
5
550
2.75
2
PNK-36003
LINK-XT
7/-5
175/300
2.7/4.15WP
2
PNK-36004
LINK-XT
5
600
3
1
PNK-36005
LINK-XT
6.2
322
2
1
PNK-50101
LINK-501
18
175
3.2
5
PNK-52001
LINK-520
5
480
2.4
2
PNK-56001
LINK-LP
2
1500
3
3
PNK-56002
LINK-LP
12
260
3.1
2
PNK-56003
LINK-LP
9
220
2
1
PNK-56004
LINK-LP
6
330
2
1
PNK-60001
LINK-II
7.6
700
5.3
1
PNK-61001
LINK-II
5
1000
5
1
PNK-62001
LINK-CV
5
1200
6
1
PNK-62002
LINK-CV
5/12/-22
1200/100/15
7
7
TSD-1992
LINK-501
5.5
500
2.75
5
TSD-2094
LINK-501
5
150
0.75
6
TSD-2349
LINK-520
5
550
2.75
1
* Designed for Use with Power Integrations IC's, LINK Switch Family
* Design to comply with the requirements of IEC950, EN60950, UL1950/CSA950.
* Design to comply with the requirements of UL, IEC & CSA Insulation System Class B.
* All units comply with the requirements of EU RoHS Directive.COC
* 3000 Vrm Isolation (Hi-Pot). Meets UL1950, IEC950 Safety Standard
* Units are Designed for a Universal AC Input of 85 to 265Vac, 47/440 Hz, Unless otherwise Designated
Output
Power
(Watt)


Similar Description - PNK-56004

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
POL-05006 PMI-POL-05006 Datasheet
301Kb / 9P
   OFF-LINE SWITCH MODE TRANSFORMERS
PNY-05015 PMI-PNY-05015 Datasheet
189Kb / 8P
   OFF-LINE SWITCH MODE TINY SWITCH TRANSFORMERS
logo
Pulse A Technitrol Comp...
PH9185 PULSE-PH9185 Datasheet
566Kb / 2P
   Switch Mode Transformers
logo
STMicroelectronics
VIPER53EDIP-E STMICROELECTRONICS-VIPER53EDIP-E Datasheet
285Kb / 31P
   OFF-line Primary Switch
VIPER53DIP STMICROELECTRONICS-VIPER53DIP Datasheet
259Kb / 24P
   OFF LINE PRIMARY SWITCH
VIPER53-E STMICROELECTRONICS-VIPER53-E Datasheet
358Kb / 36P
   OFF-line primary switch
logo
Power Integrations, Inc...
TOP221 POWERINT-TOP221 Datasheet
1Mb / 20P
   Three-Terminal Off-Line PWM Switch
TOP200 POWERINT-TOP200_V01 Datasheet
128Kb / 16P
   Three-terminal Off-line PWM Switch
July 1996
TOP224GN POWERINT-TOP224GN Datasheet
483Kb / 21P
   Three-terminal Off-line PWM Switch
TOP101YN POWERINT-TOP101YN Datasheet
1Mb / 18P
   Three-terminal Off-line PWM Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com