Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3305-18D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3305-18D
Description  DUAL PROCESSOR SUPERVISORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3305-18D Datasheet(HTML) 5 Page - Texas Instruments

  TPS3305-18D Datasheet HTML 1Page - Texas Instruments TPS3305-18D Datasheet HTML 2Page - Texas Instruments TPS3305-18D Datasheet HTML 3Page - Texas Instruments TPS3305-18D Datasheet HTML 4Page - Texas Instruments TPS3305-18D Datasheet HTML 5Page - Texas Instruments TPS3305-18D Datasheet HTML 6Page - Texas Instruments TPS3305-18D Datasheet HTML 7Page - Texas Instruments TPS3305-18D Datasheet HTML 8Page - Texas Instruments TPS3305-18D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TPS3305-18, TPS3305-25, TPS3305-33
DUAL PROCESSOR SUPERVISORS
SLVS198 – DECEMBER 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TPS3305Y chip information
These chips, when properly assembled, display characteristics similar to those of the TPS3305. Thermal
compression or ultrasonic bonding may take place on the doped aluminium bonding pads. The chips may be
mounted with conductive epoxy or a gold-silicon preform.
56
48
TPS3305Y
(1)
(2)
(3)
(5)
(6)
CHIP THICKNESS: 10 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJ max = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS
(4)
(7)
(8)
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
GND
4
Ground
MR
7
I
Manual reset
RESET
5
O
Active-low reset output
RESET
6
O
Active-high reset output
SENSE1
1
I
Sense voltage input 1
SENSE2
2
I
Sense voltage input 2
WDI
3
I
Watchdog timer input
VDD
8
Supply voltage


Similar Part No. - TPS3305-18D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3305-18D TI1-TPS3305-18D Datasheet
998Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-18DG4 TI1-TPS3305-18DG4 Datasheet
998Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-18DGN TI1-TPS3305-18DGN Datasheet
998Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-18DGNG4 TI1-TPS3305-18DGNG4 Datasheet
998Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-18DGNR TI1-TPS3305-18DGNR Datasheet
998Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
More results

Similar Description - TPS3305-18D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3305-18DRG4 TI1-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-18DRG4 TI-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305 TI1-TPS3305_16 Datasheet
998Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13305 AD-ADM13305 Datasheet
312Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
ADM13305 AD-ADM13305_15 Datasheet
313Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
logo
Texas Instruments
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com