Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO3B10A Datasheet(PDF) 6 Page - Potato Semiconductor Corporation

Part # PO3B10A
Description  2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3B10A Datasheet(HTML) 6 Page - Potato Semiconductor Corporation

  PO3B10A Datasheet HTML 1Page - Potato Semiconductor Corporation PO3B10A Datasheet HTML 2Page - Potato Semiconductor Corporation PO3B10A Datasheet HTML 3Page - Potato Semiconductor Corporation PO3B10A Datasheet HTML 4Page - Potato Semiconductor Corporation PO3B10A Datasheet HTML 5Page - Potato Semiconductor Corporation PO3B10A Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Copyright © Potato Semiconductor Corporation
6
Ordering Information
Top-Marking
Ordering Code
Package
12-pin DFN
Tape and reel
Pb-free & Green
PO3B10ADR
PO3B10AD
-40°C to 85°C
TA
01/27/08
2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PO3B10A
High Bandwidth Potato Chip


Similar Part No. - PO3B10A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A_14 Datasheet
1Mb / 5P
   High Bandwidth Potato Chip
More results

Similar Description - PO3B10A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B20A POTATO-PO3B20A Datasheet
548Kb / 6P
   4-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
Pericom Semiconductor C...
PI3DBV20 PERICOM-PI3DBV20 Datasheet
305Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PI3DBV10 PERICOM-PI3DBV10 Datasheet
335Kb / 6P
   3.3V, Wide Bandwidth, 1-Channel, 2:1 Mux/ DeMux Video Switch w/ Single Enable
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI2PCIE212 PERICOM-PI2PCIE212 Datasheet
284Kb / 8P
   1.8V, PCI Express Compliant, 2 Differential Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PI3USB10ZEEX PERICOM-PI3USB10ZEEX Datasheet
489Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI2PCIE2212ZHE PERICOM-PI2PCIE2212ZHE Datasheet
818Kb / 6P
   PCI Express짰 2.0, 1-Lane, 2:1 Mux/DeMux Switch w/ Single Enable
PI3PCIE3212 PERICOM-PI3PCIE3212 Datasheet
1Mb / 11P
   3.3V, PCI Express 3.0, 1-Lane, 2-Channel, 8Gbps, 2:1 Mux/DeMux Switch w/ Single Enable
PI3L510 PERICOM-PI3L510 Datasheet
392Kb / 6P
   3.3V, 4-Channel, 2:1, Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI2DBS212 PERICOM-PI2DBS212 Datasheet
911Kb / 10P
   1.8V, 1.8GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com