Electronic Components Datasheet Search |
|
STK415-130-E Datasheet(PDF) 11 Page - Sanyo Semicon Device |
|
STK415-130-E Datasheet(HTML) 11 Page - Sanyo Semicon Device |
11 / 12 page STK415-130-E No. A1500-11/12 The protection circuit application for the STK415-100sr consists of the following blocks (blocks (1) to (4)). (1) Standby control circuit block (2) Load short-circuit detection block (3) Latch-up circuit block (4) DC voltage protection block 1) Standby control circuit block Concerning pin 17 reference voltage VST <1> Operation mode The switching transistor of the predriver IC turns on when the pin 17 reference voltage, VST, becomes greater than or equal to 2.5V, placing the amplifier into the operation mode. Example: When VST (min.) = 2.5V I1 is approximately equal to 0.40mA since VST = (*2) × IST + 0.6V → 2.5V = 4.7kΩ × IST + 0.6V. <2> Standby mode The switching transistor of the predriver IC turns off when the pin 17 reference voltage, VST, becomes lower than or equal to 0.6V (typ. 0V), placing the amplifier into the standby mode. Example: When VST = 0.6V I1 is approximately equal to 0mA since VST = (*2) × IST + 0.6V → 0.6V = 4.7kΩ × IST + 0.6V. (*1) Limiting resistor Determine the value of R1 so that the voltage VST applied to the standby pin (pin 17) falls within the rating (+2.5V to 5.5V (typ. 3.0V)). (*2) The standby control voltage must be supplied from the host including microcontrollers. (*3) A 4.7k Ω limiting resistor is also incorporated inside the hybrid IC (at pin 17). 2) Load short-circuit detection block Since the voltage between point B and point C is less than 0.6V in normal operation mode (VBE < 0.6V) and TR1 (or TR2) is not activated, the load short-circuit detection block does not operate. When a load short-circuit occurs, however, the voltage between point B and point C becomes larger than 0.6V, causing TR1 (or TR2) to turn on (VBE > 0.6V), and current I2 to flows. 3) Latch-up circuit block TR3 is activated when I2 is supplied to the latch-up circuit. When TR3 turns on and current I3 starts flowing, VST goes down to 0V (standby mode), protecting the power amplifier. Since TR3 and TR4 configure a thyristor, once TR3 is activated, the IC is held in the standby mode. To release the standby mode and reactivate the power amplifier, it is necessary to set the standby control voltage (*2) temporarily low (0V). Subsequently, when the standby control is returned to high, the power amplifier will become active again. (*4) The I3 value varies depending on the supply voltage. Determine the value of R2 using the formula below, so that I1 is equal to or less than I3. I1 ≤ I3 = VCC/R2 4) DC offset protection block The DC offset protection circuit is activated when ±0.5V (typ) voltage is applied to either "OUT CH1" or "OUT CH2," and the hybrid IC is shut down (standby mode). To release the IC from the standby mode and reactivate the power amplifier, it is necessary to set the standby control voltage temporarily low (0V). Subsequently, when the standby control is returned to high (+5V, for example), the power amplifier will become active again. The protection level must be set using the 82k Ω resistor. Furthermore, the time constant must be determined using 22 μ//22μ capacitors to prevent the amplifier from malfunctioning due to the audio signal. |
Similar Part No. - STK415-130-E |
|
Similar Description - STK415-130-E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |