Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK404-230-E Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # STK404-230-E
Description  One-Channel Class AB Audio Power Amplifier IC 100W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK404-230-E Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button STK404-230-E Datasheet HTML 4Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 5Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 6Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 7Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 8Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 9Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 10Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 11Page - Sanyo Semicon Device STK404-230-E Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
STK404-230-E
No. A1244-8/12
[Thermal Design Example for STK404-230-E (RL=6Ω)]
The thermal resistance,
θc-a, of the heat sink for total power dissipation, Pd, within the hybrid IC is determined as
follows.
Condition 1: The hybrid IC substrate temperature, Tc, must not exceed 125
°C.
Pd
× θc-a + Ta < 125°C ................................................................................................. (1)
Ta: Guaranteed ambient temperature for the end product
Condition 2: The junction temperature, Tj, of each power transistor must not exceed 150
°C.
Pd
× θc-a + Pd/N × θj-c + Ta < 150°C .......................................................................... (2)
N: Number of power transistors
θj-c: Thermal resistance per power transistor
However, the power dissipation, Pd, for the power transistors shall be allocated equally among the number of power
transistors.
The following inequalities result from solving equations (1) and (2) for
θc-a.
θc-a < (125 − Ta)/Pd ...................................................................................................... (1)'
θc-a < (150 − Ta)/Pd − θj-c/N ........................................................................................ (2)'
Values that satisfy these two inequalities at the same time represent the required heat sink thermal resistance.
When the following specifications have been stipulated, the required heat sink thermal resistance can be determined
from formulas (1)' and (2)'.
• Supply voltage
VCC
• Load resistance
RL
• Guaranteed ambient temperature
Ta
[Example]
When the IC supply voltage, VCC=±44V and RL is 6Ω, the total power dissipation, Pd, within the hybrid IC, will be a
maximum of 64W at 1kHz for a continuous sine wave signal according to the Pd-Po characteristics.
For the music signals normally handled by audio amplifiers, a value of 1/8PO max (PO=12.5W) is generally used for
Pd as an estimate of the power dissipation based on the type of continuous signal. (Note that the factor used may differ
depending on the safety standard used.)
This is:
Pd
≈ 45W
(when 1/8PO max. = 12.5W, PO max. = 100W).
The number of power transistors in audio amplifier block of these hybrid ICs, N, is 2, and the thermal resistance per
transistor,
θj-c, is 1.6°C/W. Therefore, the required heat sink thermal resistance for a guranteed ambient temperature,
Ta, of 50
°C will be as follows.
From formula (1)'
θc-a < (125 − 50)/45.0
< 1.66
From formula (2)'
θc-a < (150 − 50)/45.0 − 1.6/4
< 1.42
Therefore, the value of 1.42
°C/W, which satisfies both of these formulae, is the required thermal resistance of the heat
sink.
Note that this thermal design example assumes the use of a constant-voltage power supply, and is therefore not a
verified design for any particular user’s end product.


Similar Part No. - STK404-230-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK404-200-E SANYO-STK404-200-E Datasheet
353Kb / 11P
   One-Channel Class AB Audio Power Amplifier IC 60W
More results

Similar Description - STK404-230-E

ManufacturerPart #DatasheetDescription
logo
Sunspirit Electronic Lt...
STK433-100LF SUNSPIRIT-STK433-100LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
logo
Sanyo Semicon Device
STK404-200-E SANYO-STK404-200-E Datasheet
353Kb / 11P
   One-Channel Class AB Audio Power Amplifier IC 60W
STK433-100-E SANYO-STK433-100-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 100W100W
STK402-250 SANYO-STK402-250 Datasheet
108Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK402-070 SANYO-STK402-070 Datasheet
64Kb / 6P
   Two-Channel Class AB Audio Power Amplifier IC 40W 40W
logo
List of Unclassifed Man...
PA2030A ETC1-PA2030A Datasheet
522Kb / 1P
   AB Class Audio Power Amplifier, MOSFET IC Power Amp
logo
Sanyo Semicon Device
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com