Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2817 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2817
Description  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2817 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2817 Datasheet HTML 1Page - Texas Instruments TPS2817 Datasheet HTML 2Page - Texas Instruments TPS2817 Datasheet HTML 3Page - Texas Instruments TPS2817 Datasheet HTML 4Page - Texas Instruments TPS2817 Datasheet HTML 5Page - Texas Instruments TPS2817 Datasheet HTML 6Page - Texas Instruments TPS2817 Datasheet HTML 7Page - Texas Instruments TPS2817 Datasheet HTML 8Page - Texas Instruments TPS2817 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TPS2816, TPS2817, TPS2818, TPS2819, TPS2828, TPS2829
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
SLVS160A – FEBRUARY 1997 – REVISED NOVEMBER 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TPS28xx electrical characteristics over recommended operating ambient temperature range,
VCC = 10 V, VDD tied to VCC, CL = 1 nF (unless otherwise specified)
Inputs
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VCC = 5 V
3.3
4
Positive-going input threshold voltage
VCC = 10 V
6.6
7
V
VCC = 14 V
9.3
10
VCC = 5 V
1
1.7
Negative-going input threshold voltage
VCC = 10 V
2
3.3
V
VCC = 14 V
2.5
4.6
Input voltage hysteresis
1.3
V
Input current, TPS2818/19/28/29
Input = 0 V or VCC
0.2
µA
Input current TPS2816/17
Input = 0 V
650
µA
Input current, TPS2816/17
Input = VCC
15
µA
Input capacitance
5
10
pF
† Typicals are for TA = 25°C unless otherwise noted.
outputs
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
High level output voltage
IO = –1 mA
9.75
9.9
V
High-level output voltage
IO = –100 mA
8
9.1
V
Low level output voltage
IO = 1 mA
0.18
0.25
V
Low-level output voltage
IO = 100 mA
1
2
V
† Typicals are for TA = 25°C unless otherwise noted.
regulator, TPS2816 through TPS2819
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Output voltage
14
≤ VDD ≤ 40 V,
10
11.5
13
V
Output voltage
DD
0
≤ IO ≤ 20 mA
V
Output voltage in dropout
IO = 10 mA,
8
10
V
Out ut voltage in dro out
VDD = 10 V
V
† Typicals are for TA = 25°C unless otherwise noted.
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
TPS2816,
IN = high = 10 V
150
250
,
TPS2817
IN = low = 0 V
650
1000
Supply current into VCC
TPS2818,
25
50
µA
Su
ly current into VCC
,
TPS2819
IN = high or low,
25
50
µA
TPS2828,
TPS2829
g
High = 10 V, Low = 0 V
0.1
15
TPS2816,
VDD = 20 V,
650
1000
Supply current into VDD
,
TPS2817
DD
,
IN = high = 10 V or low = 0 V
650
1000
µA
Supply current into VDD
TPS2818,
VDD = 20 V,
50
150
µA
,
TPS2819
DD
,
IN = high = 10 V or low = 0 V
50
150
† Typicals are for TA = 25°C unless otherwise noted.


Similar Part No. - TPS2817

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2817-EP TI-TPS2817-EP Datasheet
576Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2817-EP TI-TPS2817-EP Datasheet
595Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2817-EP TI1-TPS2817-EP Datasheet
456Kb / 25P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2817-Q1 TI-TPS2817-Q1 Datasheet
394Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
TPS2817-Q1 TI1-TPS2817-Q1 Datasheet
830Kb / 24P
[Old version datasheet]   Single-Channel High-Speed MOSFET Drivers
More results

Similar Description - TPS2817

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2829 UTC-US2829 Datasheet
154Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
US2829 UTC-US2829_15 Datasheet
146Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI1-TPS2816-EP_15 Datasheet
456Kb / 25P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2816-EP TI-TPS2816-EP Datasheet
576Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Unisonic Technologies
US2829 UTC-US2829_11 Datasheet
146Kb / 4P
   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Texas Instruments
TPS2816-EP TI-TPS2816-EP_09 Datasheet
595Kb / 24P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
logo
Intersil Corporation
EL7104 INTERSIL-EL7104 Datasheet
286Kb / 5P
   High Speed, Single Channel, Power MOSFET Driver
logo
Linear Technology
LTC1693-5 LINER-LTC1693-5 Datasheet
150Kb / 8P
   High Speed Single P-Channel MOSFET Driver
LTC1693-5 LINER-LTC1693-5_15 Datasheet
161Kb / 8P
   High Speed Single P-Channel MOSFET Driver
logo
Intersil Corporation
EL7104 INTERSIL-EL7104_06 Datasheet
190Kb / 7P
   High Speed, Single Channel, Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com