Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE25FW808 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LE25FW808
Description  8M-bit (1024K횞8) Serial Flash Memory with High-Density Read Mode
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25FW808 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LE25FW808 Datasheet HTML 1Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 2Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 3Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 4Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 5Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 6Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 7Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 8Page - Sanyo Semicon Device LE25FW808 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LE25FW808
No.A0839-2/27
Continued from preceding page.
• Serial interface
: SPI mode 0, mode 3 supported
• Sector size
: 8K bytes/small sector, 64K bytes/sector
• Small sector erase, sector erase, chip erase functions
• Page program function (256 bytes/page)
• High-Density read mode (HD_READ)
• Block protect function
• Highly reliable read/write
Number of rewrite times : 100,000 times
Small sector erase time : 80ms (typ.), 300ms (max.)
Sector erase time
: 100ms (typ.), 400ms (max.)
Chip erase time
: 250ms (typ.), 3s (max.)
Page program time
: 0.3ms/256 bytes (typ.), 0.5ms/256 bytes (max.)
• Status functions
Ready/busy information, protect information
• Data retention period
: 20 years
• Package
: LE25FW808TT
MSOP8 (225mil)
Package Dimensions
unit:mm (typ)
3276
Figure 1 Pin Assignments
CS
SO (SIO3)
WP (SIO2)
VSS
VDD
HOLD (SIO1)
SCK
SI (SIO0)
1
2
3
4
8
7
6
5
5.2
1.27
(0.7)
0.125
1
4
8
5
0.35
SANYO : MSOP8(225mil)
Top view


Similar Part No. - LE25FW808

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806 Datasheet
147Kb / 22P
   CMOS IC 8M-bit (1M횞8) Serial Flash Memory
LE25FW806 SANYO-LE25FW806 Datasheet
180Kb / 22P
   8M-bit (1M횞8) Serial Flash Memory
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
   8M-bit (1M횞8) Serial Flash Memory
More results

Similar Description - LE25FW808

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FW418A SANYO-LE25FW418A Datasheet
324Kb / 27P
   4M-bit (512K횞8) Serial Flash Memory with High-Density Read Mode
logo
List of Unclassifed Man...
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
   8M-BIT SERIAL FLASH MEMORY
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
   8M-bit (1M횞8) Serial Flash Memory
logo
OKI electronic componet...
MSM9894AL OKI-MSM9894AL Datasheet
114Kb / 7P
   8M-bit Serial Voice Flash Memory
logo
ON Semiconductor
ENA2262A ONSEMI-ENA2262A Datasheet
161Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
April, 2014
ENA2269 ONSEMI-ENA2269 Datasheet
150Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
December, 2013
ENA2263 ONSEMI-ENA2263 Datasheet
160Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
December, 2013
logo
Winbond
W25P80 WINBOND-W25P80 Datasheet
806Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
W25P80 WINBOND-W25P80_07 Datasheet
966Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
logo
ON Semiconductor
ENA2261 ONSEMI-ENA2261 Datasheet
203Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com