Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2020P Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2020P
Description  POWER-DISTRIBUTION SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2020P Datasheet(HTML) 2 Page - Texas Instruments

  TPS2020P Datasheet HTML 1Page - Texas Instruments TPS2020P Datasheet HTML 2Page - Texas Instruments TPS2020P Datasheet HTML 3Page - Texas Instruments TPS2020P Datasheet HTML 4Page - Texas Instruments TPS2020P Datasheet HTML 5Page - Texas Instruments TPS2020P Datasheet HTML 6Page - Texas Instruments TPS2020P Datasheet HTML 7Page - Texas Instruments TPS2020P Datasheet HTML 8Page - Texas Instruments TPS2020P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPS2020, TPS2021, TPS2022, TPS2023, TPS2024
POWER-DISTRIBUTION SWITCHES
SLVS175A – DECEMBER 1998 – REVISED NOVEMBER 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
RECOMMENDED
MAXIMUM CONTINUOUS
TYPICAL SHORT-CIRCUIT
PACKAGED DEVICES
TA
ENABLE
MAXIMUM CONTINUOUS
LOAD CURRENT
(A)
CURRENT LIMIT AT 25
°C
(A)
SMALL OUTLINE
(D)†
PLASTIC DIP
(P)
0.2
0.3
TPS2020D
TPS2020P
0.6
0.9
TPS2021D
TPS2021P
–40
°C to 85°C
Active low
1
1.5
TPS2022D
TPS2022P
1.5
2.2
TPS2023D
TPS2023P
2
3
TPS2024D
TPS2024P
† The D package is available taped and reeled. Add an R suffix to device type (e.g., TPS2020DR)
TPS2020 functional block diagram
OUT
OC
IN
EN
GND
Current
Limit
Driver
UVLO
Charge
Pump
CS
Thermal
Sense
Power Switch
†Current Sense
Terminal Functions
TERMINAL
NAME
NO.
D OR P
I/O
DESCRIPTION
EN
4
I
Enable input. Logic low turns on power switch.
GND
1
I
Ground
IN
2, 3
I
Input voltage
OC
5
O
Overcurrent. Logic output active low
OUT
6, 7, 8
O
Power-switch output


Similar Part No. - TPS2020P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2020-Q1 TI-TPS2020-Q1 Datasheet
449Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2020-Q1 TI1-TPS2020-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2020-Q1 TI1-TPS2020-Q1_14 Datasheet
1Mb / 27P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2020D TI1-TPS2020D Datasheet
812Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2020DG4 TI1-TPS2020DG4 Datasheet
812Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2020P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com