Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2042P Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2042P
Description  DUAL POWER-DISTRIBUTION SWITCHES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2042P Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2042P Datasheet HTML 2Page - Texas Instruments TPS2042P Datasheet HTML 3Page - Texas Instruments TPS2042P Datasheet HTML 4Page - Texas Instruments TPS2042P Datasheet HTML 5Page - Texas Instruments TPS2042P Datasheet HTML 6Page - Texas Instruments TPS2042P Datasheet HTML 7Page - Texas Instruments TPS2042P Datasheet HTML 8Page - Texas Instruments TPS2042P Datasheet HTML 9Page - Texas Instruments TPS2042P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TPS2042, TPS2052
DUAL POWER-DISTRIBUTION SWITCHES
SLVS173A – AUGUST 1998 – REVISED APRIL 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VI(IN)= 5.5 V,
IO = rated current, VI(ENx) = 0 V, VI(ENx) = Hi (unless otherwise noted) (continued)
supply current
PARAMETER
TEST CONDITIONS
TPS2042
TPS2052
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Supply
TJ = 25°C
TPS2042
0.015
1
Su
ly
current,
No Load
VI(ENx) = VI(IN) –40°C ≤ TJ ≤ 125°C
TPS2042
10
µA
,
low-level
tt
on OUT
VI(EN ) =0V
TJ = 25°C
TPS2052
0.015
1
µA
output
VI(ENx) = 0 V
–40
°C ≤ TJ ≤ 125°C
TPS2052
10
Supply
V
0V
TJ = 25°C
TPS2042
80
100
Su
ly
current,
No Load
VI(ENx) = 0 V
–40
°C ≤ TJ ≤ 125°C
TPS2042
100
µA
,
high-level
tt
on OUT
VI(EN ) =VI(IN)
TJ = 25°C
TPS2052
80
100
µA
output
VI(ENx) = VI(IN)
–40
°C ≤ TJ ≤ 125°C
TPS2052
100
Leakage
OUT
connected
VI(ENx) = VI(IN) –40°C ≤ TJ ≤ 125°C
TPS2042
100
µA
g
current
connected
to ground
VI(ENx) = 0 V
–40
°C ≤ TJ ≤ 125°C TPS2052
100
µA
Reverse
leakage
IN = high
VI(EN) = 0 V
TJ =25°C
TPS2042
0.3
µA
leakage
current
g
impedance
VI(EN) = Hi
TJ = 25°C
TPS2052
0.3
µA
undervoltage lockout
PARAMETER
TEST CONDITIONS
TPS2042
TPS2052
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Low-level input voltage
2
2.5
2
2.5
V
Hysteresis
TJ = 25°C
100
100
mV
overcurrent OCx
PARAMETER
TEST CONDITIONS
TPS2042
TPS2052
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Sink current†
VO = 5 V
10
10
mA
Output low voltage
IO = 5 mA, VOL(OCx)
0.5
0.5
V
Off-state current†
VO = 5 V,
VO = 3.3 V
1
1
µA
† Specified by design, not production tested.


Similar Part No. - TPS2042P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2042P TI-TPS2042P Datasheet
589Kb / 26P
[Old version datasheet]   DUAL POWER-DISTRIBUTION SWITCHES
TPS2042PE4 TI-TPS2042PE4 Datasheet
589Kb / 26P
[Old version datasheet]   DUAL POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2042P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2042DR TI-TPS2042DR Datasheet
589Kb / 26P
[Old version datasheet]   DUAL POWER-DISTRIBUTION SWITCHES
logo
Anpec Electronics Corop...
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
   USB Dual Power-Distribution Switches
logo
Texas Instruments
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com