Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2042 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2042
Description  DUAL POWER-DISTRIBUTION SWITCHES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2042 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2042 Datasheet HTML 4Page - Texas Instruments TPS2042 Datasheet HTML 5Page - Texas Instruments TPS2042 Datasheet HTML 6Page - Texas Instruments TPS2042 Datasheet HTML 7Page - Texas Instruments TPS2042 Datasheet HTML 8Page - Texas Instruments TPS2042 Datasheet HTML 9Page - Texas Instruments TPS2042 Datasheet HTML 10Page - Texas Instruments TPS2042 Datasheet HTML 11Page - Texas Instruments TPS2042 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TPS2042, TPS2052
DUAL POWER-DISTRIBUTION SWITCHES
SLVS173A – AUGUST 1998 – REVISED APRIL 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 4. Turnon Delay and Rise Time
with 1-
µF Load
Figure 5. Turnoff Delay and Fall Time
with 1-
µF Load
012
3
4
5
6
t – Time – ms
78
9
10
VI(EN)
(5 V/div)
VO(OUT)
(2 V/div)
VI(IN) = 5 V
TA = 25°C
CL = 1 µF
RL = 10 Ω
0
2
4
6
8
10
12
t – Time – ms
14
16
18
20
VI(IN) = 5 V
TA = 25°C
CL = 1 µF
RL = 10 Ω
VI(EN)
(5 V/div)
VO(OUT)
(2 V/div)
Figure 6. TPS2042, Short-Circuit Current,
Device Enabled into Short
01
2
3
4
5
6
t – Time – ms
78
9
10
IO(OUT)
(0.2 A/div)
VI(IN) = 5 V
TA = 25°C
VI(EN)
(5 V/div)
Figure 7. TPS2042, Threshold Trip Current
with Ramped Load on Enabled Device
0
10
20
3040
5060
t – Time – ms
70
80
90 100
IO(OUT)
(0.5 A/div)
VI(IN) = 5 V
TA = 25°C
VO(OUT)
(2 V/div)


Similar Part No. - TPS2042

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2042 TI-TPS2042 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2042 TI-TPS2042 Datasheet
589Kb / 26P
[Old version datasheet]   DUAL POWER-DISTRIBUTION SWITCHES
TPS2042A TI1-TPS2042A Datasheet
1,011Kb / 34P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2042AD TI-TPS2042AD Datasheet
484Kb / 32P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2042AD TI1-TPS2042AD Datasheet
1,011Kb / 34P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2042

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2042DR TI-TPS2042DR Datasheet
589Kb / 26P
[Old version datasheet]   DUAL POWER-DISTRIBUTION SWITCHES
logo
Anpec Electronics Corop...
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
   USB Dual Power-Distribution Switches
logo
Texas Instruments
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com