Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD42-CCMG13 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PD42-CCMG13
Description  Three Digit 7 Segment 0.56??Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PD42-CCMG13 Datasheet(HTML) 1 Page - P-tec Corporation

  PD42-CCMG13 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PD42 Three Digit 7 Segment 0.56” Display
Features
Electrical & Optical Characteristics at TA = 25 °C
Part Number
Emitting
Color
Chip
Material
Dominant
Wave
Length
Peak
Wave
Length
Forward
Voltage
@20mA (V)
Luminous
Intensity
@10mA (mcd)
Common Anode
Common Cathode
nm
nm
Typ
Max
Min
Typ
PD42-CAMG13
PD42-CCMG13
Green
572
567
2.1
2.6
3.0
6.0
GaP
*3 Digit .56” (14.22mm) Green Display
*Multiplex Drive with 12 Pins
*Low Current Requirements
*High Uniform Light Output
*IC Compatible
*High Reliability
*Gray Face, White Segments
*RoHS Compliant
Absolute Maximum Ratings at TA = 25° C
Reverse Voltage Per LED Chip (<100µA)……………………..……….……………… 5.0V
Max Forward Current Per LED Chip………….…………………..…….……………. 30mA
Peak Froward Current (1/10 Duty Cycle, 0.1ms Pulse Width) …………..………………...... 100mA
Operating Temperature Range ……………………………………..……… -25°C to + 85°C
Storage Temperature Range ……………………………………..…….… -40°C to +100°C
Soldering Temperature (1.6mm from seating plane) ……………………………....… 260° for 5 seconds
Power Dissipation…………………………………………..…………………………. 78mA
Package dimensions All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. The Slope Angle of any Pin maybe ± 5.0° max.
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
2-21-07 Rev 0 RS
8.0
19.0
37.7
12.7
12.7
8.13
14.22
8.0°
A
B
C
D
E
F
G
1+
+6
+7
12+
Digit 1
Digit 2
Digit 3
1.3
15.24
2.54x5=12.7
0.5
3.5Min.
Ø1.68
Common Anode
Common Cathode
1 Cathode E
2 Cathode D
3 Cathode DP
4 Cathode C
5 Cathode G
6 No Connection
7 Cathode B
8 Common Anode
Digit 3
9 Common Anode
Digit 2
10 Cathode F
11 Cathode A
12 Common Anode
Digit 1
1 Anode E
2 Anode D
3 Anode DP
4 Anode C
5 Anode G
6 No Connection
7 Anode B
8 Common Cathode
Digit 3
9 Common Cathode
Digit 2
10 Anode F
11 Anode A
12 Common Cathode
Digit 1
Function of Pin #


Similar Part No. - PD42-CCMG13

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD42-CCMO12 P-TEC-PD42-CCMO12 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CCMR21 P-TEC-PD42-CCMR21 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CCMR24 P-TEC-PD42-CCMR24 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CCMY01 P-TEC-PD42-CCMY01 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
More results

Similar Description - PD42-CCMG13

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD42-CAMY01 P-TEC-PD42-CAMY01 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMO12 P-TEC-PD42-CAMO12 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMR21 P-TEC-PD42-CAMR21 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMR24 P-TEC-PD42-CAMR24 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
logo
LightKey Optoelectronic...
LD5631CD LIGHTKEY-LD5631CD Datasheet
160Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5636AB LIGHTKEY-LD5636AB Datasheet
193Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631EF LIGHTKEY-LD5631EF Datasheet
161Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631AB LIGHTKEY-LD5631AB Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
logo
P-tec Corporation
PD16-CADR21 P-TEC-PD16-CADR21 Datasheet
23Kb / 1P
   Single Digit 7 Segment 0.56??Display
PD38-CADR24 P-TEC-PD38-CADR24 Datasheet
24Kb / 1P
   Dual Digit 7 Segment 0.56??Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com