Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS1101Y Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS1101Y
Description  SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS1101Y Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS1101Y Datasheet HTML 2Page - Texas Instruments TPS1101Y Datasheet HTML 3Page - Texas Instruments TPS1101Y Datasheet HTML 4Page - Texas Instruments TPS1101Y Datasheet HTML 5Page - Texas Instruments TPS1101Y Datasheet HTML 6Page - Texas Instruments TPS1101Y Datasheet HTML 7Page - Texas Instruments TPS1101Y Datasheet HTML 8Page - Texas Instruments TPS1101Y Datasheet HTML 9Page - Texas Instruments TPS1101Y Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TPS1101, TPS1101Y
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS079C – DECEMBER 1993 – REVISED AUGUST 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 7
1.2
0.9
0.8
0.6
1.3
1.4
STATIC DRAIN-TO-SOURCE
ON-STATE RESISTANCE (NORMALIZED)
vs
JUNCTION TEMPERATURE
1.5
1.1
1
0.7
– 50
0
50
100
150
TJ – Junction Temperature – °C
VGS = – 10 V
ID = – 1A
Figure 8
– 0.1
– 0.1
SOURCE-TO-DRAIN DIODE CURRENT
vs
SOURCE-TO-DRAIN VOLTAGE
– 1
– 10
– 0.3
– 0.5
– 0.7
VSD – Source-to-Drain Voltage – V
– 0.9
– 1.1
– 1.3
TJ = 25°C
TJ = – 40°C
TJ = 150°C
Pulse Test
Figure 9
0.2
0.1
0
– 1
– 3
– 5
– 7
0.3
0.4
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
GATE-TO-SOURCE VOLTAGE
0.5
– 9
– 11
– 13
– 15
VGS – Gate-to-Source Voltage – V
ID = – 1 A
TJ = 25°C
Figure 10
– 1.2
– 1.1
– 1.3
– 1.4
GATE-TO-SOURCE THRESHOLD VOLTAGE
vs
JUNCTION TEMPERATURE
– 1.5
– 50
0
50
100
150
– 1
– 0.9
TJ – Junction Temperature – °C
ID = – 250 µA


Similar Part No. - TPS1101Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1101 TI1-TPS1101 Datasheet
495Kb / 13P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1101D TI1-TPS1101D Datasheet
495Kb / 13P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1101DG4 TI1-TPS1101DG4 Datasheet
495Kb / 13P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1101DR TI1-TPS1101DR Datasheet
495Kb / 13P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1101DRG4 TI1-TPS1101DRG4 Datasheet
495Kb / 13P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results

Similar Description - TPS1101Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1100DR TI1-TPS1100DR Datasheet
700Kb / 14P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100 TI-TPS1100 Datasheet
155Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1101 TI1-TPS1101_12 Datasheet
495Kb / 13P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Dongguan City Niuhang E...
NH2305A NIUHANG-NH2305A Datasheet
3Mb / 9P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Guilin Strong Micro-Ele...
GMS2301 GSME-GMS2301 Datasheet
268Kb / 3P
   P-Channel Enhancement-Mode MOSFETs
logo
Dongguan City Niuhang E...
NH2301 NIUHANG-NH2301 Datasheet
3Mb / 8P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH3401 NIUHANG-NH3401 Datasheet
2Mb / 3P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Texas Instruments
TPS1120 TI-TPS1120 Datasheet
180Kb / 12P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120 TI1-TPS1120_08 Datasheet
379Kb / 15P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM4953M SSC-SSM4953M Datasheet
115Kb / 6P
   P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com