Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD16-CADO12 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PD16-CADO12
Description  Single Digit 7 Segment 0.56??Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PD16-CADO12 Datasheet(HTML) 1 Page - P-tec Corporation

  PD16-CADO12 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100 µA)……………………………...……………………….….…. 5.0V
Max Forward Current……………………………………………….………..…...… 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)…………………………...... 100mA
Operating Temperature Range……………………...……………….......... -25°C to +85°C
Storage Temperature Range……………………..………….…………… -40°C to +100°C
Soldering Temperature (1.6mm below body)…………………….…….… 260°C for 5 seconds
Power Dissipation per Segment………………………………………………….…. 78mW
Pin Function
Common Anode
Pin
#
Common Cathode
Pin
#
1 Cathode E
2 Cathode D
3 Com Anode
4 Cathode C
5 Cathode DP
6 Cathode B
7 Cathode A
8 Com Anode
9 Cathode F
10 Cathode G
1 Anode E
2 Anode D
3 Com Cathode
4 Anode C
5 Anode DP
6 Anode B
7 Anode A
8 Com Cathode
9 Anode F
10 Anode G
PD16 Single Digit 7 Segment 0.56” Display
Features
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Dominant
Wave
Length
Forward
Voltage
@20mA (V)
Luminous
Intensity
@10mA (mcd)
Common Anode
Common Cathode
nm
Typ
Max
Min
Typ
PD16-CADO12
PD16-CCDO12
Orange-Red
GaAsP
635
626
2.1
2.6
3.0
6.0
nm
*Single Digit .56” (14.22mm) Orange Display
with 10 Pins
*Low Current Requirements
*High Light Output
*IC Compatible
*High Reliability
*Gray Face, White Segments
*RoHS Compliant
All Dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. The Slope Angle of any Pin maybe ± 5° max.
19.05
8.0
12.4
8.13
14.22
8.0°
+1
+5
+6
+10
DP
Ø1.68
A
B
C
D
E
F
G
1.4
0.5
15.24
2.54x4=10.16
3.5Min.
02-21-07 Rev 0 RS
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101


Similar Part No. - PD16-CADO12

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD16-CADG13 P-TEC-PD16-CADG13 Datasheet
23Kb / 1P
   Single Digit 7 Segment 0.56??Display
PD16-CADG13 P-TEC-PD16-CADG13 Datasheet
23Kb / 1P
   PD16 Single Digit 7 Segment 0.56??Display
PD16-CADG13 P-TEC-PD16-CADG13_11 Datasheet
23Kb / 1P
   PD16 Single Digit 7 Segment 0.56??Display
PD16-CADR21 P-TEC-PD16-CADR21 Datasheet
23Kb / 1P
   Single Digit 7 Segment 0.56??Display
PD16-CADR24 P-TEC-PD16-CADR24 Datasheet
23Kb / 1P
   Single Digit 7 Segment 0.56??Display
More results

Similar Description - PD16-CADO12

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD16-CADR21 P-TEC-PD16-CADR21 Datasheet
23Kb / 1P
   Single Digit 7 Segment 0.56??Display
PD16-CADY01 P-TEC-PD16-CADY01 Datasheet
23Kb / 1P
   Single Digit 7 Segment 0.56??Display
PDT56-CADB04 P-TEC-PDT56-CADB04 Datasheet
50Kb / 1P
   Single Digit 7 Segment 0.56??Display
PDT56A-CADW04 P-TEC-PDT56A-CADW04 Datasheet
38Kb / 1P
   Single Digit 7 Segment 0.56??Display
PDT56-CADR22 P-TEC-PDT56-CADR22 Datasheet
50Kb / 1P
   Single Digit 7 Segment 0.56??Display
PD16-CADR24 P-TEC-PD16-CADR24 Datasheet
23Kb / 1P
   Single Digit 7 Segment 0.56??Display
PD16-CADG13 P-TEC-PD16-CADG13 Datasheet
23Kb / 1P
   Single Digit 7 Segment 0.56??Display
PDT56A-CADB04 P-TEC-PDT56A-CADB04 Datasheet
38Kb / 1P
   Single Digit 7 Segment 0.56??Display
PDT56A-CADG19 P-TEC-PDT56A-CADG19 Datasheet
38Kb / 1P
   Single Digit 7 Segment 0.56??Display
PDT56A-CADG25 P-TEC-PDT56A-CADG25 Datasheet
38Kb / 1P
   Single Digit 7 Segment 0.56??Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com