Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC6A595 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6A595
Description  POWER LOGIC 8-BIT SHIFT REGISTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC6A595 Datasheet(HTML) 1 Page - Texas Instruments

  TPIC6A595 Datasheet HTML 1Page - Texas Instruments TPIC6A595 Datasheet HTML 2Page - Texas Instruments TPIC6A595 Datasheet HTML 3Page - Texas Instruments TPIC6A595 Datasheet HTML 4Page - Texas Instruments TPIC6A595 Datasheet HTML 5Page - Texas Instruments TPIC6A595 Datasheet HTML 6Page - Texas Instruments TPIC6A595 Datasheet HTML 7Page - Texas Instruments TPIC6A595 Datasheet HTML 8Page - Texas Instruments TPIC6A595 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TPIC6A595
POWER LOGIC 8-BIT SHIFT REGISTER
SLIS005A – APRIL 1993 – REVISED JANUARY 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low rDS(on) ...1 Ω Typ
D Output Short-Circuit Protection
D Avalanche Energy ...75 mJ
D Eight 350-mA DMOS Outputs
D 50-V Switching Capability
D Devices Are Cascadable
D Low Power Consumption
description
The TPIC6A595 is a monolithic, high-voltage,
high-current power logic 8-bit shift register
designed for use in systems that require relatively
high load power. The device contains a built-in
voltage clamp on the outputs for inductive
transient protection. Power driver applications
include relays, solenoids, and other medium-cur-
rent or high-voltage loads. Each open-drain
DMOS
transistor
features
an
independent
chopping
current-limiting
circuit
to
prevent
damage in the case of a short circuit.
This device contains an 8-bit serial-in, parallel-out
shift register that feeds an 8-bit, D-type storage
register. Data transfers through both the shift and
storage registers on the rising edge of the shift-
register clock (SRCK) and the register clock
(RCK),
respectively.
The
storage
register
transfers data to the output buffer when shift-
register clear (SRCLR) is high. When SRCLR is
low, the input shift register is cleared. When output
enable (G) is held high, all data in the output buffers is held low and all drain outputs are off. When G is held
low, data from the storage register is transparent to the output buffers. The serial output (SER OUT) allows for
cascading of the data from the shift register to additional devices.
Outputs are low-side, open-drain DMOS transistors with output ratings of 50 V and a 350-mA continuous sink
current capability. When data in the output buffers is low, the DMOS-transistor outputs are off. When data is high,
the DMOS-transistor outputs have sink current capability.
Separate power ground (PGND) and logic ground (LGND) terminals are provided to facilitate maximum system
flexibility. All PGND terminals are internally connected, and each PGND terminal must be externally connected
to the power system ground in order to minimize parasitic impedance. A single-point connection between LGND
and PGND must be made externally in a manner that reduces crosstalk between the logic and load circuits.
The TPIC6A595 is offered in a thermally-enhanced dual-in-line (NE) package and a wide-body surface-mount
(DW) package. The TPIC6A595 is characterized for operation over the operating case temperature range of
–40
°C to 125°C.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DRAIN2
DRAIN3
SRCLR
G
PGND
PGND
RCK
SRCK
DRAIN4
DRAIN5
DRAIN1
DRAN0
SER IN
VCC
PGND
PGND
LGND
SER OUT
DRAIN7
DRAIN6
NE PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
DRAIN2
DRAIN3
SRCLR
G
PGND
PGND
PGND
PGND
RCK
SRCK
DRAIN4
DRAIN5
DRAIN1
DRAIN0
SER IN
VCC
PGND
PGND
PGND
PGND
LGND
SER OUT
DRAIN7
DRAIN6
DW PACKAGE
(TOP VIEW)


Similar Part No. - TPIC6A595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6A595DW TI1-TPIC6A595DW Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWG4 TI1-TPIC6A595DWG4 Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWRG4 TI1-TPIC6A595DWRG4 Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595NE TI1-TPIC6A595NE Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
More results

Similar Description - TPIC6A595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com