Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2184BG-08-TR Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # P2184BG-08-TR
Description  Peak Reducing EMI Solution
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2184BG-08-TR Datasheet(HTML) 4 Page - PulseCore Semiconductor

  P2184BG-08-TR Datasheet HTML 1Page - PulseCore Semiconductor P2184BG-08-TR Datasheet HTML 2Page - PulseCore Semiconductor P2184BG-08-TR Datasheet HTML 3Page - PulseCore Semiconductor P2184BG-08-TR Datasheet HTML 4Page - PulseCore Semiconductor P2184BG-08-TR Datasheet HTML 5Page - PulseCore Semiconductor P2184BG-08-TR Datasheet HTML 6Page - PulseCore Semiconductor P2184BG-08-TR Datasheet HTML 7Page - PulseCore Semiconductor P2184BG-08-TR Datasheet HTML 8Page - PulseCore Semiconductor P2184BG-08-TR Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Low EMI Clock for Mobile VGA
4 of 9
November 2006
P2180 / 81 / 82 / 83 / 84
rev 1.1
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics
Unless otherwise noted, VDD = 3.3V and TA =25°C
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND – 0.3
-
0.8
V
VIH
Input high voltage
-
-
VDD + 0.3
V
IIL
Input low current (input SRS)
-60.0
-
-20.0
µA
IIH
Input high current
-
-
1.00
µA
IXOL
XOUT output low current (@ 0.4V, VDD = 3.3V)
2.00
-
12.00
mA
IXOH
XOUT output high current (@2.5V, VDD = 3.3V)
-
-
12.00
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 20mA)
-
-
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = 20mA)
2.8
-
-
V
ICC
Dynamic supply current normal mode (3.3V and
10pF loading)
8.6 fIN - min
-
27.0 fIN - max
mA
IDD
Static supply current standby mode
-
4.5
-
mA
VDD
Operating voltage
-
3.3
-
V
tON
Power up time (first locked clock cycle after power
up)
-
-
-
mS
ZOUT
Clock output impedance
-
-
-
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
10
-
160
MHz
fOUT
Output frequency
10
-
160
MHz
tLH*
Output rise time (measured at 0.8V to 2.0V)
-
0.69
-
ns
tHL*
Output fall time (measured at 2.0V to 0.8V)
-
0.66
-
ns
tJC
Jitter (cycle to cycle)
-200
-
200
ps
tD
Output duty cycle
45
50
55
%
* tLH and tHL are measured into a capacitive load of 15pF


Similar Part No. - P2184BG-08-TR

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
P218 ATM-P218 Datasheet
122Kb / 1P
   2WAY - 4WAY - 8WAY POWER DIVIDERS & COMBINERS
logo
ON Semiconductor
P2180 ONSEMI-P2180 Datasheet
297Kb / 6P
   Peak Reducing EMI Solution
NOVEMBER 2010 ??Rev. 2.1
P2180AF-08SR ONSEMI-P2180AF-08SR Datasheet
297Kb / 6P
   Peak Reducing EMI Solution
NOVEMBER 2010 ??Rev. 2.1
More results

Similar Description - P2184BG-08-TR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
   Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2590A ONSEMI-ASM3P2590A Datasheet
132Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com