Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2184CG-08-TT Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # P2184CG-08-TT
Description  Peak Reducing EMI Solution
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2184CG-08-TT Datasheet(HTML) 2 Page - PulseCore Semiconductor

  P2184CG-08-TT Datasheet HTML 1Page - PulseCore Semiconductor P2184CG-08-TT Datasheet HTML 2Page - PulseCore Semiconductor P2184CG-08-TT Datasheet HTML 3Page - PulseCore Semiconductor P2184CG-08-TT Datasheet HTML 4Page - PulseCore Semiconductor P2184CG-08-TT Datasheet HTML 5Page - PulseCore Semiconductor P2184CG-08-TT Datasheet HTML 6Page - PulseCore Semiconductor P2184CG-08-TT Datasheet HTML 7Page - PulseCore Semiconductor P2184CG-08-TT Datasheet HTML 8Page - PulseCore Semiconductor P2184CG-08-TT Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Low EMI Clock for Mobile VGA
2 of 9
November 2006
P2180 / 81 / 82 / 83 / 84
rev 1.1
Notice: The information in this document is subject to change without notice.
Block Diagram
Pin Diagram
Pin Description
Pin#
Pin Name
Type
Description
1
XIN
I
Connect to externally generated clock signal or crystal.
2
NC
No connect.
3
VSS
P
Ground to entire chip.
4
SRS
I
Spread Range Select. Digital logic input used to select frequency deviation (Refer
Spread Deviation Selections Table). This pin has an internal pull-up resistor.
5
ModOUT
O
Spread spectrum low EMI output.
6
VDD
P
Connect to +3.3V.
7
NC
No connect.
8
NC
No connect.
8*
XOUT
O
Crystal connection.
* Available for P2183 and P2184 only.
1
2
3
4
5
6
7
8
XIN
VSS
SRS
P2180X
P2181X
P2182X
VDD
NC
ModOUT
NC
NC
XIN
P2183X
P2184X
1
2
3
4
5
6
7
8
VSS
SRS
VDD
XOUT
ModOUT
NC
NC
XIN
XOUT
VSS
Frequency
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
ModOUT
PLL
VDD
SRS
Crystal
Oscillator


Similar Part No. - P2184CG-08-TT

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
P218 ATM-P218 Datasheet
122Kb / 1P
   2WAY - 4WAY - 8WAY POWER DIVIDERS & COMBINERS
logo
ON Semiconductor
P2180 ONSEMI-P2180 Datasheet
297Kb / 6P
   Peak Reducing EMI Solution
NOVEMBER 2010 ??Rev. 2.1
P2180AF-08SR ONSEMI-P2180AF-08SR Datasheet
297Kb / 6P
   Peak Reducing EMI Solution
NOVEMBER 2010 ??Rev. 2.1
More results

Similar Description - P2184CG-08-TT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
   Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2590A ONSEMI-ASM3P2590A Datasheet
132Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com