Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22782AG-08TR Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # 22782AG-08TR
Description  General Purpose EMI Reduction IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

22782AG-08TR Datasheet(HTML) 5 Page - PulseCore Semiconductor

  22782AG-08TR Datasheet HTML 1Page - PulseCore Semiconductor 22782AG-08TR Datasheet HTML 2Page - PulseCore Semiconductor 22782AG-08TR Datasheet HTML 3Page - PulseCore Semiconductor 22782AG-08TR Datasheet HTML 4Page - PulseCore Semiconductor 22782AG-08TR Datasheet HTML 5Page - PulseCore Semiconductor 22782AG-08TR Datasheet HTML 6Page - PulseCore Semiconductor 22782AG-08TR Datasheet HTML 7Page - PulseCore Semiconductor 22782AG-08TR Datasheet HTML 8Page - PulseCore Semiconductor 22782AG-08TR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
October 2006
P2781/82/84
rev 1.6
General Purpose EMI Reduction IC
5 of 11
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
-40 to +85
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
DC Electrical Characteristics
(Test condition: All parameters are measured at room temperature (+25°C) unless otherwise stated)
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS – 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD +0.3
V
IIL
Input low current
(internal input pull-up resistor on FS0 and FS1)
-
60
-
µA
IIH
Input high current
(internal input pull-up resistor on FS0 and FS1)
-
60
-
µA
IXOL
XOUT output low current
-
10
-
mA
IXOH
XOUT output high current
-
10
-
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 20mA)
-
-
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = 20mA)
2.5
-
-
V
IDD
Static supply current
-
3
-
mA
ICC
Typical dynamic supply current
(25pF scope probe loading)
5.2 at 3MHz
-
21.2 at 82MHz
mA
VDD
Operating voltage
3.0
3.3
3.6
V


Similar Part No. - 22782AG-08TR

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2278076 PHOENIX-2278076 Datasheet
57Kb / 3P
   Functional ground contact - ME BUS FE CONTACT
09/12/2020
2278144 PHOENIX-2278144 Datasheet
57Kb / 2P
   Optional with bus connector for DIN rail mounting as well as power connection system
2278319 PHOENIX-2278319 Datasheet
109Kb / 4P
   MCO 1,5/ 3-G1L-3,5 KMGY
2278322 PHOENIX-2278322 Datasheet
109Kb / 4P
   MCO 1,5/ 3-G1R-3,5 KMGY
2278351 PHOENIX-2278351 Datasheet
70Kb / 4P
   Base strip - MCO 1,5/ 5-G1R-3,5 KMGY
More results

Similar Description - 22782AG-08TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2027A PULSECORE-P2027A Datasheet
176Kb / 8P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
P2781 ONSEMI-P2781 Datasheet
154Kb / 8P
   General Purpose EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
P2681A ALSC-P2681A Datasheet
471Kb / 10P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
P2008A ONSEMI-P2008A Datasheet
124Kb / 7P
   General Purpose EMI Reduction IC
August, 2011 ??Rev. 3
P2027A ONSEMI-P2027A Datasheet
112Kb / 7P
   General Purpose EMI Reduction IC
August, 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2027A ALSC-P2027A Datasheet
549Kb / 9P
   General Purpose EMI Reduction IC
P2008A ALSC-P2008A Datasheet
172Kb / 9P
   General Purpose EMI Reduction IC
logo
PulseCore Semiconductor
P2008A PULSECORE-P2008A Datasheet
173Kb / 8P
   General Purpose EMI Reduction IC
logo
Alliance Semiconductor ...
P2781 ALSC-P2781 Datasheet
169Kb / 11P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com