Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC46L01 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC46L01
Description  6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC46L01 Datasheet(HTML) 4 Page - Texas Instruments

  TPIC46L01 Datasheet HTML 1Page - Texas Instruments TPIC46L01 Datasheet HTML 2Page - Texas Instruments TPIC46L01 Datasheet HTML 3Page - Texas Instruments TPIC46L01 Datasheet HTML 4Page - Texas Instruments TPIC46L01 Datasheet HTML 5Page - Texas Instruments TPIC46L01 Datasheet HTML 6Page - Texas Instruments TPIC46L01 Datasheet HTML 7Page - Texas Instruments TPIC46L01 Datasheet HTML 8Page - Texas Instruments TPIC46L01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TPIC46L01, TPIC46L02, TPIC46L03
6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
SLIS055A – NOVEMBER 1996 - REVISED SEPTEMBER 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CS
10
I
Chip select. A high to low transition on the CS enables SDO, latches fault data into the serial interface, and
refreshes the fault flag. When CS is high, the fault registers can change fault status. On the falling edge of CS, fault
data is latched into the serial output register and transferred using SDO and SCLK. On a low to high transition of
CS, serial data is latched in to the output control register.
DRAIN0
DRAIN1
DRAIN2
DRAIN3
DRAIN4
DRAIN5
26
24
23
20
19
17
I
FET drain inputs. DRAIN0 through DRAIN5 are used for both open-load and short-circuit fault detection at the drain
of the external FETs. They are also used for inductive transient protection.
FLT
1
O
Fault flag. FLT is an open-drain output that provides a real-time fault flag for shorted-load/open-load/over-battery
voltage/under-battery voltage faults. The device can be ORed with FLT on other devices for interrupt handling. FLT
requires an external pullup resistor.
GATE0
GATE1
GATE2
GATE3
GATE4
GATE5
27
25
22
21
18
16
O
Gate drive output. GATE0 through GATE5 outputs are derived from the VBAT supply. Internal clamps prevent the
voltages on these nodes from exceeding the VGS rating on most FETs.
GND
15
I
Ground and substrate
IN0
IN1
IN2
IN3
IN4
IN5
4
5
6
7
8
9
I
Parallel gate driver inputs. IN0 through IN5 are real-time controls for the gate predrive circuitry. They are CMOS
compatible with hysteresis.
SCLK
13
I
Serial clock. SCLK clocks the shift register. Serial data is clocked into SDI and serial fault data is clocked out of
SDO on the falling edge of the serial clock.
SDI
12
I
Serial data input. Output control data is clocked into the serial register through SDI. A 1 on SDI commands a
particular gate output on and a 0 turns it off.
SDO
11
O
Serial data output. SDO is a 3-state output that transfers fault data to the controling device. It also passes serial
input data to the next stage for cascaded operation. SDO is taken to a high-impedance state when CS is in a high
state.
VBAT
28
I
Battery supply voltage input
VCC
14
I
Logic supply voltage
VCOMPEN
2
I
Fault reference voltage select. VCOMPEN selects the internally generated fault reference voltage (0) or an
external fault reference (1) to be used in the shorted- and open-load fault detection circuitry.
VCOMP
3
I
Fault reference voltage. VCOMP provides an external fault reference voltage for the shorted- and open-load fault
detection circuitry.


Similar Part No. - TPIC46L01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC46L01DB TI1-TPIC46L01DB Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L01DBG4 TI1-TPIC46L01DBG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L01DBLE TI1-TPIC46L01DBLE Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L01DBR TI1-TPIC46L01DBR Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L01DBRG4 TI1-TPIC46L01DBRG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
More results

Similar Description - TPIC46L01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC46L02DBRG4 TI1-TPIC46L02DBRG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
logo
STMicroelectronics
STPIC44L02 STMICROELECTRONICS-STPIC44L02 Datasheet
438Kb / 21P
   4 CHANNEL SERIAL AND PARALLEL LOW SIDE PRE-FET DRIVER
July 2003
logo
Texas Instruments
TPIC44L01 TI-TPIC44L01 Datasheet
268Kb / 20P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L01DBRG4 TI-TPIC44L01DBRG4 Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44H01 TI1-TPIC44H01_15 Datasheet
982Kb / 32P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC44H01 TI-TPIC44H01 Datasheet
402Kb / 28P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
logo
Allegro MicroSystems
A3944 ALLEGRO-A3944 Datasheet
601Kb / 31P
   Automotive, Low-Side FET Pre-Driver
A3944KLPTR-T ALLEGRO-A3944KLPTR-T Datasheet
598Kb / 31P
   Automotive, Low-Side FET Pre-Driver
logo
Texas Instruments
TPIC2603 TI-TPIC2603 Datasheet
243Kb / 17P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com