Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC44L01 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC44L01
Description  4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC44L01 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPIC44L01 Datasheet HTML 4Page - Texas Instruments TPIC44L01 Datasheet HTML 5Page - Texas Instruments TPIC44L01 Datasheet HTML 6Page - Texas Instruments TPIC44L01 Datasheet HTML 7Page - Texas Instruments TPIC44L01 Datasheet HTML 8Page - Texas Instruments TPIC44L01 Datasheet HTML 9Page - Texas Instruments TPIC44L01 Datasheet HTML 10Page - Texas Instruments TPIC44L01 Datasheet HTML 11Page - Texas Instruments TPIC44L01 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TPIC44L01, TPIC44L02, TPIC44L03
4-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
SLIS062A NOVEMBER 1996 – REVISED SEPTEMBER 1997
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Figure 5
td1
SCLK
CS
SDI
th
tsu
Figure 6
tpd2
SCLK
CS
tpd1
3-State
SDO
Figure 7
tpd3
CS
SDO
50%
3-State
Figure 8
3-STATE
90%
10%
tr2
SDO
Figure 9
3-STATE
90%
10%
tf2
SDO
Figure 10
FLT
tr3
90%
10%
90%
10%
tf3
Figure 11
FLT


Similar Part No. - TPIC44L01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC44L01 TI-TPIC44L01 Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L01DB TI-TPIC44L01DB Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L01DBG4 TI-TPIC44L01DBG4 Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L01DBR TI-TPIC44L01DBR Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44L01DBRG4 TI-TPIC44L01DBRG4 Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
More results

Similar Description - TPIC44L01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPIC44L02 STMICROELECTRONICS-STPIC44L02 Datasheet
438Kb / 21P
   4 CHANNEL SERIAL AND PARALLEL LOW SIDE PRE-FET DRIVER
July 2003
logo
Texas Instruments
TPIC44L01DBRG4 TI-TPIC44L01DBRG4 Datasheet
815Kb / 24P
[Old version datasheet]   4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC44H01 TI1-TPIC44H01_15 Datasheet
982Kb / 32P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC44H01 TI-TPIC44H01 Datasheet
402Kb / 28P
[Old version datasheet]   4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
TPIC46L01 TI-TPIC46L01 Datasheet
255Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
TPIC46L02DBRG4 TI1-TPIC46L02DBRG4 Datasheet
804Kb / 23P
[Old version datasheet]   6-CHANNEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
logo
Allegro MicroSystems
A3944 ALLEGRO-A3944 Datasheet
601Kb / 31P
   Automotive, Low-Side FET Pre-Driver
A3944KLPTR-T ALLEGRO-A3944KLPTR-T Datasheet
598Kb / 31P
   Automotive, Low-Side FET Pre-Driver
logo
ELMOS Semiconductor AG
E910.32 ELMOS-E910.32 Datasheet
133Kb / 1P
   Low side driver (8 channel, parallel interface)
logo
Infineon Technologies A...
TLE7231G INFINEON-TLE7231G_15 Datasheet
906Kb / 30P
   4 channel low-side driver
Rev. 1.2, May 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com