Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS5P23Z09DG-16-TT Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # PCS5P23Z09DG-16-TT
Description  Multiple Output Timing-Safe??Peak EMI reduction IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5P23Z09DG-16-TT Datasheet(HTML) 5 Page - PulseCore Semiconductor

  PCS5P23Z09DG-16-TT Datasheet HTML 1Page - PulseCore Semiconductor PCS5P23Z09DG-16-TT Datasheet HTML 2Page - PulseCore Semiconductor PCS5P23Z09DG-16-TT Datasheet HTML 3Page - PulseCore Semiconductor PCS5P23Z09DG-16-TT Datasheet HTML 4Page - PulseCore Semiconductor PCS5P23Z09DG-16-TT Datasheet HTML 5Page - PulseCore Semiconductor PCS5P23Z09DG-16-TT Datasheet HTML 6Page - PulseCore Semiconductor PCS5P23Z09DG-16-TT Datasheet HTML 7Page - PulseCore Semiconductor PCS5P23Z09DG-16-TT Datasheet HTML 8Page - PulseCore Semiconductor PCS5P23Z09DG-16-TT Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PCS5P23Z05D
May 2007
PCS5P23Z09D
rev0.2
Multiple Output Timing-Safe™ Peak EMI reduction IC
5 of 14
Notice: The information in this document is subject to change without notice.
Spread Spectrum Control and Input-Output Skew Table
(Note: The values given in the table are for an input frequency of 140MHz)
Device
Deviation
Input-Output Skew(±TSKEW)
PCS5P23Z05D
±0.125 %
0.075
PCS5P23Z09D
±0.125 %
0.075
Note: TSKEW is measured in units of the Clock Period
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Supply Voltage to Ground Potential
-0.5
7
V
DC Input Voltage (Except REF)
-0.5
VDD + 0.5
V
DC Input Voltage (REF)
-0.5
7
V
Storage Temperature
-65
+150
°C
Max. Soldering Temperature (10 sec)
260
°C
Junction Temperature
150
°C
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and functional usage is not implied. Exposure to absolute maximum ratings for prolonged periods can
affect device reliability.
Operating Conditions for PCS5P23Z05D and PCS5P23Z09D
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
0
70
°C
CL
Load Capacitance
10
pF
CIN
Input Capacitance
7
pF


Similar Part No. - PCS5P23Z09DG-16-TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5P23Z09B PULSECORE-PCS5P23Z09B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
PCS5P23Z09BF-16-SR PULSECORE-PCS5P23Z09BF-16-SR Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
PCS5P23Z09BF-16-ST PULSECORE-PCS5P23Z09BF-16-ST Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
PCS5P23Z09BF-16-TR PULSECORE-PCS5P23Z09BF-16-TR Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
PCS5P23Z09BF-16-TT PULSECORE-PCS5P23Z09BF-16-TT Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
More results

Similar Description - PCS5P23Z09DG-16-TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5P23Z05C PULSECORE-PCS5P23Z05C Datasheet
679Kb / 14P
   Multiple Output Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
P3P623S05A ONSEMI-P3P623S05A Datasheet
197Kb / 11P
   Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S01B PULSECORE-ASM3P623S01B Datasheet
478Kb / 12P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S00B PULSECORE-ASM3P623S00B_1 Datasheet
640Kb / 18P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S05 PULSECORE-ASM3P623S05 Datasheet
703Kb / 15P
   Timing-Safe??Peak EMI reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com