Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS5P9773G-52-ER Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # PCS5P9773G-52-ER
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5P9773G-52-ER Datasheet(HTML) 1 Page - PulseCore Semiconductor

  PCS5P9773G-52-ER Datasheet HTML 1Page - PulseCore Semiconductor PCS5P9773G-52-ER Datasheet HTML 2Page - PulseCore Semiconductor PCS5P9773G-52-ER Datasheet HTML 3Page - PulseCore Semiconductor PCS5P9773G-52-ER Datasheet HTML 4Page - PulseCore Semiconductor PCS5P9773G-52-ER Datasheet HTML 5Page - PulseCore Semiconductor PCS5P9773G-52-ER Datasheet HTML 6Page - PulseCore Semiconductor PCS5P9773G-52-ER Datasheet HTML 7Page - PulseCore Semiconductor PCS5P9773G-52-ER Datasheet HTML 8Page - PulseCore Semiconductor PCS5P9773G-52-ER Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
September 2006
PCS5I9773
rev 0.4
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
Features
Output frequency range: 8.33MHz to 200MHz
Input frequency range: 6.25MHz to 125MHz
2.5V or 3.3V operation
Split 2.5V / 3.3V outputs
±2%( max ) Output duty cycle variation
12 Clock outputs: drive up to 24 clock lines
One feedback output
Three reference clock inputs: LVPECL or
LVCMOS
300pS ( max ) output-output skew
Phase-locked loop (PLL) bypass mode
‘SpreadTrak’
Output enable/disable
Pin-compatible with CY29773, MPC9773 and
MPC973
Industrial temperature range: -40°C to +85°C
52pin 1.0mm TQFP package
RoHS Compliance
Functional Description
The ASM5I9773 is a low-voltage high-performance
200MHz PLL-based zero delay buffer designed for high
speed clock distribution applications.
The ASM5I9773 features one LVPECL and two LVCMOS
reference clock inputs and provides 12 outputs partitioned
in three banks of four outputs each. Each bank divides the
VCO output per SEL(A:C) settings (see Table 2. Function
Table (Configuration Controls)). These dividers allow
output-to-input ratios of 8:1, 6:1, 5:1, 4:1, 3:1, 8:3, 5:2, 2:1,
5:3, 3:2, 4:3, 5:4, 1:1, and 5:6. Each LVCMOS-compatible
output can drive 50Ω series- or parallel-terminated
transmission lines. For series-terminated transmission
lines, each output can drive one or two traces, giving the
device an effective fanout of 1:24.
The PLL is ensured stable, given that the VCO is
configured to run between 200MHz to 500MHz. This allows
a wide range of output frequencies, from 8MHz to 200MHz.
For normal operation, the external feedback input FB_IN is
connected to the feedback output FB_OUT. The internal
VCO is running at multiples of the input reference clock set
by the feedback divider (see Table 1. Frequency Table).
When PLL_EN is LOW, PLL is bypassed and the reference
clock directly feeds the output dividers. This mode is fully
static and the minimum input clock frequency specification
does not apply.


Similar Part No. - PCS5P9773G-52-ER

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5P9772G-52-ER PULSECORE-PCS5P9772G-52-ER Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5P9772G-52-ET PULSECORE-PCS5P9772G-52-ET Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5P9774G-52-ER PULSECORE-PCS5P9774G-52-ER Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5P9774G-52-ET PULSECORE-PCS5P9774G-52-ET Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5P9775G-52-ER PULSECORE-PCS5P9775G-52-ER Datasheet
509Kb / 12P
   2.5V or 3.3V, 200MHz, 14 Output Zero Delay Buffer
More results

Similar Description - PCS5P9773G-52-ER

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9774 PULSECORE-PCS5I9774 Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9774A ALSC-ASM5I9774A Datasheet
477Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com