Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS5I9351G-32-ET Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS5I9351G-32-ET
Description  2.5V or 3.3V, 200MHz, 9-Output Zero Delay Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5I9351G-32-ET Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS5I9351G-32-ET Datasheet HTML 1Page - PulseCore Semiconductor PCS5I9351G-32-ET Datasheet HTML 2Page - PulseCore Semiconductor PCS5I9351G-32-ET Datasheet HTML 3Page - PulseCore Semiconductor PCS5I9351G-32-ET Datasheet HTML 4Page - PulseCore Semiconductor PCS5I9351G-32-ET Datasheet HTML 5Page - PulseCore Semiconductor PCS5I9351G-32-ET Datasheet HTML 6Page - PulseCore Semiconductor PCS5I9351G-32-ET Datasheet HTML 7Page - PulseCore Semiconductor PCS5I9351G-32-ET Datasheet HTML 8Page - PulseCore Semiconductor PCS5I9351G-32-ET Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
November 2006
PCS5I9351
rev 0.3
2.5V or 3.3V, 200MHz, 9-Output Zero Delay Buffer
2 of 13
Notice: The information in this document is subject to change without notice.
Block Diagram
Pin Configuration
1
2
3
4
5
6
7
8
32 31 30 29 28 27 26 25
9 10 11 12 13 14 15 16
24
23
22
21
20
19
18
17
FB_IN
SELA
SELB
SELC
SELD
AVSS
PECL_CLK
AVDD
VDDQD
QD0
VSS
QC1
VDDQC
QC0
QD1
VSS
PCS5I9351
SELA
QD0
QD1
QD2
QD3
QD4
QC0
QC1
÷4/
÷8
÷4/
÷8
VCO
200-500MHz
Phase
Detector
LPF
PECL_CLK
FB_IN
SELB
SELD
OE#
÷4/
÷8
QB
÷2/
÷4
QA
PLL_EN
REF_SEL
TCLK
SELC


Similar Part No. - PCS5I9351G-32-ET

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9350 PULSECORE-PCS5I9350 Datasheet
490Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
PCS5I9350G-32-ET PULSECORE-PCS5I9350G-32-ET Datasheet
490Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
PCS5I9350G-32-LT PULSECORE-PCS5I9350G-32-LT Datasheet
490Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
PCS5I9352 PULSECORE-PCS5I9352 Datasheet
498Kb / 12P
   2.5V or 3.3V, 200MHz, 11 Output Zero Delay Buffer
PCS5I9352G-32-ET PULSECORE-PCS5I9352G-32-ET Datasheet
498Kb / 12P
   2.5V or 3.3V, 200MHz, 11 Output Zero Delay Buffer
More results

Similar Description - PCS5I9351G-32-ET

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9775 PULSECORE-PCS5I9775 Datasheet
509Kb / 12P
   2.5V or 3.3V, 200MHz, 14 Output Zero Delay Buffer
PCS5I9352 PULSECORE-PCS5I9352 Datasheet
498Kb / 12P
   2.5V or 3.3V, 200MHz, 11 Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29351 CYPRESS-CY29351 Datasheet
286Kb / 8P
   2.5V or 3.3V, 200-MHz, 9-Output Zero Delay Buffer
CY29351 CYPRESS-CY29351_09 Datasheet
451Kb / 10P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
CY29351 CYPRESS-CY29351_08 Datasheet
316Kb / 10P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com