Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS3P2191A Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # PCS3P2191A
Description  Spread Spectrum Clock Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P2191A Datasheet(HTML) 3 Page - PulseCore Semiconductor

  PCS3P2191A_1 Datasheet HTML 1Page - PulseCore Semiconductor PCS3P2191A_1 Datasheet HTML 2Page - PulseCore Semiconductor PCS3P2191A_1 Datasheet HTML 3Page - PulseCore Semiconductor PCS3P2191A_1 Datasheet HTML 4Page - PulseCore Semiconductor PCS3P2191A_1 Datasheet HTML 5Page - PulseCore Semiconductor PCS3P2191A_1 Datasheet HTML 6Page - PulseCore Semiconductor PCS3P2191A_1 Datasheet HTML 7Page - PulseCore Semiconductor PCS3P2191A_1 Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
April 2007
PCS3P2191A
rev 0.2
Spread Spectrum Clock Generator
3 of 8
Notice: The information in this document is subject to change without notice.
Spread Deviation Selection Table
S2
S1
S0
Deviation
0
0
0
OFF
0
0
1
± 0.5%
0
1
0
± 0.75%
0
1
1
± 1.0%
1
0
0
± 1.25%
1
0
1
± 1.5%
1
1
0
± 1.75%
1
1
1
± 2.0%
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage pin with respect to Ground
-0.5 to +4.6
V
VIN
Input Voltage pin with respect to Ground
VSS-0.5 to VDD+0.5
V
VOUT
Output Voltage pin with respect to Ground
VSS-0.5 to VDD+0.5
V
TSTG
Storage temperature
-55 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Recommended Operating Conditions
Parameter
Description
Min
Typ
Max
Unit
VDD
Operating Voltage
3.0
3.3
3.6
V
TA
Operating Temperature
-40
+85
°C
CL
Load Capacitance
15
pF
CIN
Input Capacitance
5
pF


Similar Part No. - PCS3P2191A_1

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P2191AF-16TR PULSECORE-PCS3P2191AF-16TR Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
PCS3P2191AF-16TR PULSECORE-PCS3P2191AF-16TR Datasheet
331Kb / 8P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P2191AF-16TR ONSEMI-PCS3P2191AF-16TR Datasheet
118Kb / 7P
   Spread Spectrum Clock Generator
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
PCS3P2191AF-16TT PULSECORE-PCS3P2191AF-16TT Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
PCS3P2191AF-16TT PULSECORE-PCS3P2191AF-16TT Datasheet
331Kb / 8P
   Spread Spectrum Clock Generator
More results

Similar Description - PCS3P2191A_1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com