Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS3P625Z05C Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # PCS3P625Z05C
Description  High Frequency Timing-Safe??Peak EMI reduction IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P625Z05C Datasheet(HTML) 5 Page - PulseCore Semiconductor

  PCS3P625Z05C Datasheet HTML 1Page - PulseCore Semiconductor PCS3P625Z05C Datasheet HTML 2Page - PulseCore Semiconductor PCS3P625Z05C Datasheet HTML 3Page - PulseCore Semiconductor PCS3P625Z05C Datasheet HTML 4Page - PulseCore Semiconductor PCS3P625Z05C Datasheet HTML 5Page - PulseCore Semiconductor PCS3P625Z05C Datasheet HTML 6Page - PulseCore Semiconductor PCS3P625Z05C Datasheet HTML 7Page - PulseCore Semiconductor PCS3P625Z05C Datasheet HTML 8Page - PulseCore Semiconductor PCS3P625Z05C Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PCS3P625Z05B/C
May 2008
PCS3P625Z09B/C
rev 0.1
High Frequency Timing-Safe™ Peak EMI Reduction IC
5 of 15
Notice: The information in this document is subject to change without notice.
Select Input Decoding table for PCS3P625Z09
S2
S1
CLKOUT A1 - A4 CLKOUT B1 - B4 DLY_CTRL
1
Output Source
PLL
Shut-Down
0
0
Three-state
Three-state
Driven
PLL
N
0
1
Driven
Three-state
Driven
PLL
N
1
0
Driven
Driven
Driven
Reference
Y
1
1
Driven
Driven
Driven
PLL
N
Notes: This output is driven and has an internal feedback for the PLL. The load on this output can be adjusted to change the skew between the reference and
the Output.
Spread Spectrum Control and Input-Output Skew Table
Frequency (MHz)
Device
Deviation (±%)
Input-Output Skew (±TSKEW)
PCS3P625Z05B / 09B
0.25
0.0625
140
PCS3P625Z05C / 09C
0.5
0.125
Note: TSKEW is measured in units of the Clock Period
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage to Ground Potential
-0.5 to +4.6
VIN
DC Input Voltage (CLKIN)
-0.5 to +7
V
TSTG
Storage temperature
-65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Operating Conditions
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
-40
+85
°C
CL
Load Capacitance
10
pF
CIN
Input Capacitance
7
pF


Similar Part No. - PCS3P625Z05C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P625Z05B ONSEMI-PCS3P625Z05B Datasheet
168Kb / 13P
   High Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
More results

Similar Description - PCS3P625Z05C

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P624Z05B PULSECORE-PCS3P624Z05B Datasheet
551Kb / 15P
   High Frequency Timing-Safe??Peak EMI reduction IC
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P622S00A PULSECORE-ASM3P622S00A Datasheet
732Kb / 16P
   Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P622S00B PULSECORE-ASM3P622S00B Datasheet
550Kb / 15P
   Low Frequency Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
PCS3P622Z05B PULSECORE-PCS3P622Z05B Datasheet
552Kb / 15P
   Low Frequency Timing-Safe??Peak EMI reduction IC
ASM3P622S01B PULSECORE-ASM3P622S01B Datasheet
489Kb / 12P
   Low Frequency Timing-Safe??Peak EMI reduction IC
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com