Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM5P2308AG-2-16-ST Datasheet(PDF) 7 Page - PulseCore Semiconductor

Part # ASM5P2308AG-2-16-ST
Description  3.3V Zero-Delay Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM5P2308AG-2-16-ST Datasheet(HTML) 7 Page - PulseCore Semiconductor

Back Button ASM5P2308AG-2-16-ST Datasheet HTML 3Page - PulseCore Semiconductor ASM5P2308AG-2-16-ST Datasheet HTML 4Page - PulseCore Semiconductor ASM5P2308AG-2-16-ST Datasheet HTML 5Page - PulseCore Semiconductor ASM5P2308AG-2-16-ST Datasheet HTML 6Page - PulseCore Semiconductor ASM5P2308AG-2-16-ST Datasheet HTML 7Page - PulseCore Semiconductor ASM5P2308AG-2-16-ST Datasheet HTML 8Page - PulseCore Semiconductor ASM5P2308AG-2-16-ST Datasheet HTML 9Page - PulseCore Semiconductor ASM5P2308AG-2-16-ST Datasheet HTML 10Page - PulseCore Semiconductor ASM5P2308AG-2-16-ST Datasheet HTML 11Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
November 2006
ASM5P2308A
rev 1.5
3.3V Zero Delay Buffer
16 of 16
Notice: The information in this document is subject to change without notice.
Operating Conditions for ASM5I2308A Industrial Temperature Devices
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
-40
85
°C
CL
Load Capacitance, below 100MHz
30
pF
CL
Load Capacitance, from 100MHz to 133MHz
15
pF
CIN
Input Capacitance
7
pF
Electrical Characteristics for ASM5I2308A Industrial Temperature Devices
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
IIL
Input LOW Current
VIN = 0V
50.0
µA
IIH
Input HIGH Current
VIN = VDD
100.0
µA
VOL
Output LOW Voltage
IOL = 8mA (-1, -2)
IOH = 12mA (-1H, -5H)
0.4
V
VOH
Output HIGH Voltage
IOL = -8mA (-1, -2)
IOH = -12mA (-1H, -5H)
2.4
V
(-2,-3,-4)
49
Unloaded outputs 100MHz REF,
Select inputs at VDD or GND
(-1H,-5H)
60
Unloaded outputs, 66MHz REF
(-1, -2, -3, -4)
34
IDD
Supply Current
10
Unloaded outputs, 33MHz REF
(-1, -2, -3, -4)
18
mA
Note:
10. Supply Currents are measured for PLL-Bypass Mode (S2=1, S1=0).


Similar Part No. - ASM5P2308AG-2-16-ST

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5P2308AG-2-16-ST ALSC-ASM5P2308AG-2-16-ST Datasheet
387Kb / 18P
   3.3V Zero-Delay Buffer
More results

Similar Description - ASM5P2308AG-2-16-ST

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com