Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS3P73U00AG-08-ST Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS3P73U00AG-08-ST
Description  USB 2.0 Peak EMI reduction IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P73U00AG-08-ST Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS3P73U00AG-08-ST Datasheet HTML 1Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 2Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 3Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 4Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 5Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 6Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 7Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 8Page - PulseCore Semiconductor PCS3P73U00AG-08-ST Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
May 2008
PCS3P73U00A
rev 0.3
USB 2.0 Peak EMI reduction IC
2 of 13
Notice: The information in this document is subject to change without notice.
FS
1
2
3
4
5
6
7
8
ModOUT
XIN / CLKIN
SSEXTR
VDD
GND
MR
PCS3P73U00A
XOUT
Pin Configuration
Pin Description
Pin # Pin Name Pin Type
Description
1
XIN /
CLKIN
I
Crystal connection or external reference clock input.
2
XOUT
O
Crystal connection. If using an external reference, this pin should be left open.
3
FS
I
Frequency Select.Pull LOW to select Low Frequency range. Selects High Frequency
range when pulled HIGH. Has an internal pull-up resistor
(see Frequency Selection table for details)
4
GND
P
Ground
5
ModOUT
O
Buffered Modulated clock output
6
MR
I
Modulation Rate Select. When LOW selects Low Modulation Rate.
Selects High Modulation Rate when pulled HIGH. Has an internal pull-down resistor
7
SSEXTR
I
Analog Spread Selection through external resistor to GND.
8
VDD
P
3.3V / 2.5V supply Voltage
Frequency Selection table
VDD(V)
FS
Frequency (MHz)
0
10-20
2.5V
1
20-60
0
10-27
3.3V
1
20-70


Similar Part No. - PCS3P73U00AG-08-ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P73U00AG-08-ST PULSECORE-PCS3P73U00AG-08-ST Datasheet
763Kb / 13P
   USB 2.0 Peak EMI reduction IC
More results

Similar Description - PCS3P73U00AG-08-ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P73U00A PULSECORE-PCS3P73U00A Datasheet
763Kb / 13P
   USB 2.0 Peak EMI reduction IC
PCS3P73U00A PULSECORE-PCS3P73U00A_2 Datasheet
324Kb / 1P
   Introducing USB 2.0 Peak EMI Reduction IC
logo
ON Semiconductor
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
   Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P623Z05A ONSEMI-PCS3P623Z05A Datasheet
173Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P73Z01AW ONSEMI-PCS3P73Z01AW Datasheet
202Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. 2
PCS3P2537A ONSEMI-PCS3P2537A Datasheet
133Kb / 7P
   Peak EMI Reduction IC
JANUARY 2010 ??Rev. 1
P3P76Z11D ONSEMI-P3P76Z11D Datasheet
164Kb / 10P
   Peak EMI reduction IC
March, 2011 ??Rev. 0
P3PSL450A ONSEMI-P3PSL450A Datasheet
159Kb / 9P
   Peak EMI Reduction IC
July, 2010 ??Rev. 1
ASM3P623S05A ONSEMI-ASM3P623S05A Datasheet
197Kb / 11P
   Peak EMI Reduction IC
July 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com