Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS2I20805AG-20-DT Datasheet(PDF) 9 Page - PulseCore Semiconductor

Part # PCS2I20805AG-20-DT
Description  2.5V CMOS Dual 1-To-5 Clock Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I20805AG-20-DT Datasheet(HTML) 9 Page - PulseCore Semiconductor

Back Button PCS2I20805AG-20-DT Datasheet HTML 3Page - PulseCore Semiconductor PCS2I20805AG-20-DT Datasheet HTML 4Page - PulseCore Semiconductor PCS2I20805AG-20-DT Datasheet HTML 5Page - PulseCore Semiconductor PCS2I20805AG-20-DT Datasheet HTML 6Page - PulseCore Semiconductor PCS2I20805AG-20-DT Datasheet HTML 7Page - PulseCore Semiconductor PCS2I20805AG-20-DT Datasheet HTML 8Page - PulseCore Semiconductor PCS2I20805AG-20-DT Datasheet HTML 9Page - PulseCore Semiconductor PCS2I20805AG-20-DT Datasheet HTML 10Page - PulseCore Semiconductor PCS2I20805AG-20-DT Datasheet HTML 11Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
September 2006
PCS2P20805A
rev 0.3
2.5V CMOS Dual 1-To-5 Clock Driver
9 of 11
Notice: The information in this document is subject to change without notice.
20-lead QSOP
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
0.060
0.068
1.52
1.73
A1
0.004
0.008
0.10
0.20
b
0.009
0.012
0.23
0.30
c
0.007
0.010
0.18
0.25
D
0.337
0.344
8.56
8.74
E
0.150
0.157
3.81
3.99
e
0.025 BSC
0.64 BSC
H
0.230
0.244
5.84
6.20
h
0.010
0.016
0.25
0.41
L
0.016
0.035
0.41
0.89
S
0.056
0.060
1.42
1.52
a


Similar Part No. - PCS2I20805AG-20-DT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2I20807AG-20-AR PULSECORE-PCS2I20807AG-20-AR Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
PCS2I20807AG-20-AT PULSECORE-PCS2I20807AG-20-AT Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
PCS2I20807AG-20-DR PULSECORE-PCS2I20807AG-20-DR Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
PCS2I20807AG-20-DT PULSECORE-PCS2I20807AG-20-DT Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - PCS2I20805AG-20-DT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT20805 IDT-IDT49FCT20805 Datasheet
63Kb / 7P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT49FCT20805 IDT-IDT49FCT20805_14 Datasheet
103Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT49FCT20805 IDT-IDT49FCT20805_09 Datasheet
71Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT20805 RENESAS-IDT49FCT20805 Datasheet
273Kb / 9P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
FEBRUARY 2014 c 2014
logo
Alliance Semiconductor ...
ASM2P20805A ALSC-ASM2P20805A Datasheet
486Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
logo
Integrated Device Techn...
49FCT20805PYGI IDT-49FCT20805PYGI Datasheet
71Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com