Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM5P23S05AG-1H-08-TT Datasheet(PDF) 11 Page - PulseCore Semiconductor

Part # ASM5P23S05AG-1H-08-TT
Description  3.3V ?쁓preadTrak??Zero Delay Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM5P23S05AG-1H-08-TT Datasheet(HTML) 11 Page - PulseCore Semiconductor

Back Button ASM5P23S05AG-1H-08-TT Datasheet HTML 7Page - PulseCore Semiconductor ASM5P23S05AG-1H-08-TT Datasheet HTML 8Page - PulseCore Semiconductor ASM5P23S05AG-1H-08-TT Datasheet HTML 9Page - PulseCore Semiconductor ASM5P23S05AG-1H-08-TT Datasheet HTML 10Page - PulseCore Semiconductor ASM5P23S05AG-1H-08-TT Datasheet HTML 11Page - PulseCore Semiconductor ASM5P23S05AG-1H-08-TT Datasheet HTML 12Page - PulseCore Semiconductor ASM5P23S05AG-1H-08-TT Datasheet HTML 13Page - PulseCore Semiconductor ASM5P23S05AG-1H-08-TT Datasheet HTML 14Page - PulseCore Semiconductor ASM5P23S05AG-1H-08-TT Datasheet HTML 15Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ASM5P23S05A
November 2006
ASM5P23S09A
rev 1.5
3.3V ‘SpreadTrak’ Zero Delay Buffer
11 of 18
Notice: The information in this document is subject to change without notice.
Package Information
8-lead (150-mil) SOIC Package
E
H
D
A1
A2
A
θ
L
C
B
e
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A1
0.004
0.010
0.10
0.25
A
0.053
0.069
1.35
1.75
A2
0.049
0.059
1.25
1.50
B
0.012
0.020
0.31
0.51
C
0.007
0.010
0.18
0.25
D
0.193 BSC
4.90 BSC
E
0.154 BSC
3.91 BSC
e
0.050 BSC
1.27 BSC
H
0.236 BSC
6.00 BSC
L
0.016
0.050
0.41
1.27
θ


Similar Part No. - ASM5P23S05AG-1H-08-TT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5P23S05A-1-08-SR ALSC-ASM5P23S05A-1-08-SR Datasheet
388Kb / 18P
   3.3V SpreadTrak Zero Delay Buffer
ASM5P23S05A-1-08-SR ALSC-ASM5P23S05A-1-08-SR Datasheet
206Kb / 16P
   3.3V SpreadTrak Zero Delay Buffer
ASM5P23S05A-1-08-ST ALSC-ASM5P23S05A-1-08-ST Datasheet
388Kb / 18P
   3.3V SpreadTrak Zero Delay Buffer
ASM5P23S05A-1-08-ST ALSC-ASM5P23S05A-1-08-ST Datasheet
206Kb / 16P
   3.3V SpreadTrak Zero Delay Buffer
ASM5P23S05A-1-08-TR ALSC-ASM5P23S05A-1-08-TR Datasheet
388Kb / 18P
   3.3V SpreadTrak Zero Delay Buffer
More results

Similar Description - ASM5P23S05AG-1H-08-TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM5P23S08A PULSECORE-ASM5P23S08A Datasheet
404Kb / 17P
   3.3V ?쁓preadTrak??Zero Delay Buffer
ASMP5P23S04A PULSECORE-ASMP5P23S04A Datasheet
435Kb / 15P
   3.3V ?쁓preadTrak??Zero Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com