Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS2I20805AG-20-AR Datasheet(PDF) 7 Page - PulseCore Semiconductor

Part # PCS2I20805AG-20-AR
Description  2.5V CMOS Dual 1-To-5 Clock Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I20805AG-20-AR Datasheet(HTML) 7 Page - PulseCore Semiconductor

Back Button PCS2I20805AG-20-AR Datasheet HTML 3Page - PulseCore Semiconductor PCS2I20805AG-20-AR Datasheet HTML 4Page - PulseCore Semiconductor PCS2I20805AG-20-AR Datasheet HTML 5Page - PulseCore Semiconductor PCS2I20805AG-20-AR Datasheet HTML 6Page - PulseCore Semiconductor PCS2I20805AG-20-AR Datasheet HTML 7Page - PulseCore Semiconductor PCS2I20805AG-20-AR Datasheet HTML 8Page - PulseCore Semiconductor PCS2I20805AG-20-AR Datasheet HTML 9Page - PulseCore Semiconductor PCS2I20805AG-20-AR Datasheet HTML 10Page - PulseCore Semiconductor PCS2I20805AG-20-AR Datasheet HTML 11Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
September 2006
PCS2P20805A
rev 0.3
2.5V CMOS Dual 1-To-5 Clock Driver
7 of 11
Notice: The information in this document is subject to change without notice.
Test Circuits and Waveforms
INPUT
OUTPUT
0V
tPLH
tPHL
1.25V
2.5V
VOH
1.7V
1.25V
0.7V
VOL
tF
tR
Propagation Delay
2.5V
INPUT
0V
tPLH
tPHL
1.25V
VOH
1.25V
VOL
OUTPUT
Pulse Skew
tSK(P) = | tPLH - tPLH |
INPUT
0V
tPLH1
tPHL1
1.25V
2.5V
VOH
1.25V
VOL
Package 1
OUTPUT
tSK(PP) = | tPLH2 - tPLH1 | or | tPHL2 -tPHL1 |
tSK(PP)
tSK(PP)
tPLH2
tPHL2
VOH
1.25V
VOL
Package 2
OUTPUT
Part-to- Part Skew
Note: Part-to- Part Skew is for package and speed grade.
ENABLE
tPLZ
2.5V
1.25V
0V
DISABLE
VOH
VOL
VOL
0.3V
VOH
0.3V
tPZL
VOL
1.25V
VOH
1.25V
SWITCH
CLOSED
tPZH
tPHZ
SWITCH
OPEN
CONTROL
INPUT
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
Enable and Disable Times
Note: 1. Diagram shown for input Control Enable-LOW and input Control
Disable-HIGH


Similar Part No. - PCS2I20805AG-20-AR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2I20807AG-20-AR PULSECORE-PCS2I20807AG-20-AR Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
PCS2I20807AG-20-AT PULSECORE-PCS2I20807AG-20-AT Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
PCS2I20807AG-20-DR PULSECORE-PCS2I20807AG-20-DR Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
PCS2I20807AG-20-DT PULSECORE-PCS2I20807AG-20-DT Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - PCS2I20805AG-20-AR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT20805 IDT-IDT49FCT20805 Datasheet
63Kb / 7P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT49FCT20805 IDT-IDT49FCT20805_14 Datasheet
103Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT49FCT20805 IDT-IDT49FCT20805_09 Datasheet
71Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT20805 RENESAS-IDT49FCT20805 Datasheet
273Kb / 9P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
FEBRUARY 2014 c 2014
logo
Alliance Semiconductor ...
ASM2P20805A ALSC-ASM2P20805A Datasheet
486Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
logo
Integrated Device Techn...
49FCT20805PYGI IDT-49FCT20805PYGI Datasheet
71Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com