Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS2P20805AG-20-AR Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # PCS2P20805AG-20-AR
Description  2.5V CMOS Dual 1-To-5 Clock Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2P20805AG-20-AR Datasheet(HTML) 3 Page - PulseCore Semiconductor

  PCS2P20805AG-20-AR Datasheet HTML 1Page - PulseCore Semiconductor PCS2P20805AG-20-AR Datasheet HTML 2Page - PulseCore Semiconductor PCS2P20805AG-20-AR Datasheet HTML 3Page - PulseCore Semiconductor PCS2P20805AG-20-AR Datasheet HTML 4Page - PulseCore Semiconductor PCS2P20805AG-20-AR Datasheet HTML 5Page - PulseCore Semiconductor PCS2P20805AG-20-AR Datasheet HTML 6Page - PulseCore Semiconductor PCS2P20805AG-20-AR Datasheet HTML 7Page - PulseCore Semiconductor PCS2P20805AG-20-AR Datasheet HTML 8Page - PulseCore Semiconductor PCS2P20805AG-20-AR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
September 2006
PCS2P20805A
rev 0.3
2.5V CMOS Dual 1-To-5 Clock Driver
3 of 11
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Description
Max
Unit
VCC
Input Power Supply Voltage
-0.5 to +4.6
V
VI
Input Voltage
-0.5 to +5.5
V
VO
Output Voltage
-0.5 to VCC+0.5
V
TJ
Junction Temperature
150
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TSTG
Storage Temperature
-65 to +165
° C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
DC Electrical Characteristics over Operating Range
Following Conditions Apply Unless Otherwise Specified
Industrial: TA = -40°C to +85°C, VCC = 2.5V ± 0.2V
Symbol
Parameter
Test Conditions
1
Min
Typ
2
Max
Unit
VIH
Input HIGH Level
1.7
5.5
V
VIL
Input LOW Level
-0.5
0.7
V
IIH
Input HIGH Current
VCC= Max.
VI = 5.5V
±1
IIL
Input LOW Current
VCC= Max.
VI = GND
±1
IOZH
VO = VCC
±1
IOZL
High Impedance Output Current
(3-State Outputs Pins)
VCC= Max.
VO = GND
±1
µA
VIK
Clamp Diode Voltage
VCC= Min., IIN = -18mA
-0.7
-1.2
V
IODH
Output HIGH Current
VCC= 2.5V, VIN = VIH or VIL, VO = 1.25V
3,4
-15
-35
-90
mA
IODL
Output LOW Current
VCC= 2.5V, VIN = VIH or VIL, VO = 1.25V
3,4
25
55
100
mA
IOS
Short Circuit Current
VCC= Max., VO = GND
3,4
-30
-50
-120
mA
IOH= -8mA
1.7
5
VOH
Output HIGH Voltage
VCC= Min.
VIN = VIH or VIL
IOH= -100µA
VCC - 0.2
V
IOL= 8mA
0.2
0.4
VOL
Output LOW Voltage
VCC= Min.
VIN = VIH or VIL
IOL= 100µA
0.2
V
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 2.5V, 25°C ambient.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. This parameter is guaranteed but not tested.
5. VOH = VCC -0.6V at rated current.


Similar Part No. - PCS2P20805AG-20-AR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
PCS2P20807AG-20-AR PULSECORE-PCS2P20807AG-20-AR Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
PCS2P20807AG-20-AT PULSECORE-PCS2P20807AG-20-AT Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
PCS2P20807AG-20-DR PULSECORE-PCS2P20807AG-20-DR Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
PCS2P20807AG-20-DT PULSECORE-PCS2P20807AG-20-DT Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - PCS2P20805AG-20-AR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49FCT20805 IDT-IDT49FCT20805 Datasheet
63Kb / 7P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT49FCT20805 IDT-IDT49FCT20805_14 Datasheet
103Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT49FCT20805 IDT-IDT49FCT20805_09 Datasheet
71Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT49FCT20805 RENESAS-IDT49FCT20805 Datasheet
273Kb / 9P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
FEBRUARY 2014 c 2014
logo
Alliance Semiconductor ...
ASM2P20805A ALSC-ASM2P20805A Datasheet
486Kb / 11P
   2.5V CMOS Dual 1-To-5 Clock Driver
logo
Integrated Device Techn...
49FCT20805PYGI IDT-49FCT20805PYGI Datasheet
71Kb / 8P
   2.5V CMOS DUAL 1-TO-5 CLOCK DRIVER
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com