Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS2I2309NZF-16-SR Datasheet(PDF) 7 Page - PulseCore Semiconductor

Part # PCS2I2309NZF-16-SR
Description  Nine Output 3.3V Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I2309NZF-16-SR Datasheet(HTML) 7 Page - PulseCore Semiconductor

  PCS2I2309NZF-16-SR Datasheet HTML 1Page - PulseCore Semiconductor PCS2I2309NZF-16-SR Datasheet HTML 2Page - PulseCore Semiconductor PCS2I2309NZF-16-SR Datasheet HTML 3Page - PulseCore Semiconductor PCS2I2309NZF-16-SR Datasheet HTML 4Page - PulseCore Semiconductor PCS2I2309NZF-16-SR Datasheet HTML 5Page - PulseCore Semiconductor PCS2I2309NZF-16-SR Datasheet HTML 6Page - PulseCore Semiconductor PCS2I2309NZF-16-SR Datasheet HTML 7Page - PulseCore Semiconductor PCS2I2309NZF-16-SR Datasheet HTML 8Page - PulseCore Semiconductor PCS2I2309NZF-16-SR Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
September 2006
PCS2P2309NZ
rev 0.3
Nine Output 3.3V Buffer
7 of 9
Notice: The information in this document is subject to change without notice.
Package Information
16-lead (150 Mil) Molded SOIC
E
H
A
A1
A2
D
e
B
θ
L
C
h
Seating Plane
0.004
PIN 1 ID
1
8
916
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
0.053
0.069
1.35
1.75
A1
0.004
0.010
0.10
0.25
A2
0.049
0.059
1.25
1.50
B
0.013
0.022
0.33
0.53
C
0.008
0.012
0.19
0.27
D
0.386
0.394
9.80
10.01
E
0.150
0.157
3.80
4.00
e
0.050 BSC
1.27 BSC
H
0.228
0.244
5.80
6.20
h
0.010
0.016
0.25
0.41
L
0.016
0.035
0.40
0.89
θ


Similar Part No. - PCS2I2309NZF-16-SR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2I2309NZF-16-SR PULSECORE-PCS2I2309NZF-16-SR Datasheet
320Kb / 8P
   3.3V 1:9 Clock Buffer
More results

Similar Description - PCS2I2309NZF-16-SR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2309NZ CYPRESS-CY2309NZ Datasheet
115Kb / 5P
   Nine-Output 3.3V Buffer
logo
Alliance Semiconductor ...
ASM2P2309NZ ALSC-ASM2P2309NZ Datasheet
398Kb / 9P
   Nine Output 3.3V Buffer
ASM5P2309NZ ALSC-ASM5P2309NZ Datasheet
392Kb / 9P
   Nine Output 3.3V Buffer
logo
Cypress Semiconductor
CY2309NZ CYPRESS-CY2309NZ_08 Datasheet
203Kb / 6P
   Nine-Output 3.3V Buffer
logo
Renesas Technology Corp
IDT2309NZ RENESAS-IDT2309NZ Datasheet
292Kb / 6P
   NINE OUTPUT 3.3V CLOCK BUFFER
MAY 2010
logo
Integrated Device Techn...
IDT2309NZ IDT-IDT2309NZ_10 Datasheet
126Kb / 5P
   NINE OUTPUT 3.3V CLOCK BUFFER
IDT2309NZ IDT-IDT2309NZ Datasheet
47Kb / 5P
   NINE OUTPUT 3.3V CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305NZ RENESAS-IDT2305NZ Datasheet
279Kb / 7P
   FIVE OUTPUT 3.3V CLOCK BUFFER
FEB. 2017
logo
Integrated Device Techn...
IDT2305NZ IDT-IDT2305NZ Datasheet
120Kb / 5P
   FIVE OUTPUT 3.3V CLOCK BUFFER
IDT2305NZ IDT-IDT2305NZ_17 Datasheet
112Kb / 6P
   FIVE OUTPUT 3.3V CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com