Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS2I9942CG-32-ER Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # PCS2I9942CG-32-ER
Description  Low Voltage 1:18 Clock Distribution Chip
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I9942CG-32-ER Datasheet(HTML) 4 Page - PulseCore Semiconductor

  PCS2I9942CG-32-ER Datasheet HTML 1Page - PulseCore Semiconductor PCS2I9942CG-32-ER Datasheet HTML 2Page - PulseCore Semiconductor PCS2I9942CG-32-ER Datasheet HTML 3Page - PulseCore Semiconductor PCS2I9942CG-32-ER Datasheet HTML 4Page - PulseCore Semiconductor PCS2I9942CG-32-ER Datasheet HTML 5Page - PulseCore Semiconductor PCS2I9942CG-32-ER Datasheet HTML 6Page - PulseCore Semiconductor PCS2I9942CG-32-ER Datasheet HTML 7Page - PulseCore Semiconductor PCS2I9942CG-32-ER Datasheet HTML 8Page - PulseCore Semiconductor PCS2I9942CG-32-ER Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
September 2006
PCS2I9942C
rev 0.3
Low Voltage 1:18 Clock Distribution Chip
4 of 10
Notice: The information in this document is subject to change without notice.
Table 5. AC Characteristics (T
A =-40° to +85°C, VCC = 2.5V ± 5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
Fmax
Maximum Frequency
200
MHz
tPLH
Propagation Delay
1
1.5
2.8
nS
Within one bank
150
tsk(o)
Output-to-output Skew
Any output, Any Bank
350
pS
tsk(pr)
Part–to–Part Skew
1, 2
1.3
nS
tsk(pr)
Part–to–Part Skew
1, 3
600
pS
dt
Duty Cycle
45
55
%
tr, tf
Output Rise/Fall Time
0.2
1.0
nS
Note: 1.Tested using standard input levels, production tested @ 133 MHz.
2.Across temperature and voltage ranges, includes output skew.
3.For a specific temperature and voltage, includes output skew.
Table 6. DC Characteristics (T
A = -40° to +85°C, VCC = 3.3V ± 5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
2.4
VCCI
V
VIL
Input LOW Voltage
0.8
V
VOH
Output HIGH Voltage
2.4
V
IOH = -20 mA
VOL
Output LOW Voltage
0.5
V
IOL = 20 mA
IIN
Input Current
±200
µA
CIN
Input Capacitance
4.0
pF
CPD
Power Dissipation Capacitance
14
pF
Per Output
ZOUT
Output Impedance
12
ICC
Maximum Quiescent Supply Current
0.5
mA
Table 7. AC Characteristics (T
A =-40° to +85°C, VCC = 3.3V ± 5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
Fmax
Maximum Frequency
250
MHz
tPLH
Propagation Delay
1
1.3
2.3
nS
Within one bank
150
tsk(o)
Output-to-output Skew
Any Output, Any Bank
350
pS
tsk(pr)
Part–to–Part Skew
1,2
1.0
nS
tsk(pr)
Part–to–Part Skew
1,3
500
pS
dt
Duty Cycle
45
55
%
tr, tf
Output Rise/Fall Time
0.2
1.0
nS
Note: 1.Tested using standard input levels, production tested @ 133 MHz.
2. Across temperature and voltage ranges, includes output skew.
3. For a specific temperature and voltage, includes output skew.


Similar Part No. - PCS2I9942CG-32-ER

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
PCS2I9942PG-32-ER PULSECORE-PCS2I9942PG-32-ER Datasheet
437Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
PCS2I9942PG-32-ET PULSECORE-PCS2I9942PG-32-ET Datasheet
437Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
PCS2I9942PG-32-LR PULSECORE-PCS2I9942PG-32-LR Datasheet
437Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
PCS2I9942PG-32-LT PULSECORE-PCS2I9942PG-32-LT Datasheet
437Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
More results

Similar Description - PCS2I9942CG-32-ER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
   Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
logo
Alliance Semiconductor ...
ASM2I9942P ALSC-ASM2I9942P Datasheet
433Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
logo
Alliance Semiconductor ...
ASM2I9940L ALSC-ASM2I9940L Datasheet
223Kb / 13P
   Low Voltage 1:18 Clock Distribution Chip
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
   LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
MPC942P IDT-MPC942P Datasheet
373Kb / 6P
   Low Voltage 1:18 Clock Distribution Chip
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
   LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
logo
Motorola, Inc
MPC942C MOTOROLA-MPC942C Datasheet
232Kb / 4P
   LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
ON Semiconductor
ASM2I9940L ONSEMI-ASM2I9940L Datasheet
153Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
May, 2011 ??Rev. 0
logo
Alliance Semiconductor ...
ASM2I9942C ALSC-ASM2I9942C Datasheet
431Kb / 10P
   Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK940L PHILIPS-PCK940L Datasheet
87Kb / 16P
   Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com