Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS1P2860A Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # PCS1P2860A
Description  Multi-Output Clock Synthesizer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS1P2860A Datasheet(HTML) 4 Page - PulseCore Semiconductor

  PCS1P2860A Datasheet HTML 1Page - PulseCore Semiconductor PCS1P2860A Datasheet HTML 2Page - PulseCore Semiconductor PCS1P2860A Datasheet HTML 3Page - PulseCore Semiconductor PCS1P2860A Datasheet HTML 4Page - PulseCore Semiconductor PCS1P2860A Datasheet HTML 5Page - PulseCore Semiconductor PCS1P2860A Datasheet HTML 6Page - PulseCore Semiconductor PCS1P2860A Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
May 2007
PCS1P2860A
rev 0.2
Multi-Output Clock Synthesizer
4 of 7
Notice: The information in this document is subject to change without notice.
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN/XIN
Input Frequency
25
MHz
Pin 6
25
Pin 1,7,8,10
125
CLK OUT
Output Frequency
Pin 9
127
MHz
tLH1
Rising edge slew rate (Measured from 20% to 80%)
1.1
1.7
V/nS
tHL1
Falling edge slew rate (Measured from 80% to 20%)
1.3
2
V/nS
TPJ1
Peak-to-peak Period Jitter @ VDD/2
300
pS
Synthesis Error (Output Frequency)
0
ppm
tD1
Output Duty Cycle @ VDD/2
45
50
55
%
tLOCK
PLL Lock Time from Power-Up
3
mS
NOTE: 1CL= 15 pF for outputs < 100 MHz; CL= 10pF for outputs > 100 MHz;
Typical Crystal Oscillator Circuit
Typical Crystal Specifications
Fundamental AT cut parallel resonant crystal
Nominal frequency
25MHz
Frequency tolerance
± 50 ppm or better at 25°C
Operating temperature range
-25°C to +85°C
Storage temperature
-40°C to +85°C
Load capacitance
18pF
Shunt capacitance
7pF maximum
ESR
25Ω
R1 = 510Ω
C1 = 27 pF
C2 = 27 pF


Similar Part No. - PCS1P2860A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS1P2860A ONSEMI-PCS1P2860A Datasheet
149Kb / 6P
   Multi-Output Clock Synthesizer
JANUARY 2010 ??Rev. 1
PCS1P2860AG-16TR ONSEMI-PCS1P2860AG-16TR Datasheet
149Kb / 6P
   Multi-Output Clock Synthesizer
JANUARY 2010 ??Rev. 1
More results

Similar Description - PCS1P2860A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS1P2860A ONSEMI-PCS1P2860A Datasheet
149Kb / 6P
   Multi-Output Clock Synthesizer
JANUARY 2010 ??Rev. 1
logo
PulseCore Semiconductor
PCS1P2859A PULSECORE-PCS1P2859A Datasheet
369Kb / 7P
   Multi-Output Clock Synthesizer
PCS1P2859A PULSECORE-PCS1P2859A_08 Datasheet
348Kb / 7P
   Multi-Output Clock Synthesizer
logo
Motorola, Inc
MPC9108 MOTOROLA-MPC9108 Datasheet
67Kb / 4P
   MULTIPLE OUTPUT CLOCK SYNTHESIZER
logo
PulseCore Semiconductor
PCS1P2858A PULSECORE-PCS1P2858A_1 Datasheet
347Kb / 7P
   Multi-Output Clock Generator
PCS1P2857A PULSECORE-PCS1P2857A Datasheet
374Kb / 8P
   Multi-Output Clock Generator
logo
Renesas Technology Corp
8V43FS92432 RENESAS-8V43FS92432 Datasheet
594Kb / 28P
   1360MHz Dual Output LVPECL Clock Synthesizer
10/28/15
logo
ON Semiconductor
PCS1P2858A ONSEMI-PCS1P2858A Datasheet
102Kb / 6P
   Multi-Output Clock Generator
August, 2011 ??Rev. P2
logo
Integrated Device Techn...
8V43FS92432 IDT-8V43FS92432 Datasheet
392Kb / 27P
   1360MHz Dual Output LVPECL Clock Synthesizer
logo
Motorola, Inc
MPC92432 MOTOROLA-MPC92432 Datasheet
453Kb / 20P
   1360 MHz Dual Output LVPECL Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com