Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2384A Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # P2384A
Description  Low Cost Frequency Multiplier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2384A Datasheet(HTML) 5 Page - PulseCore Semiconductor

  P2384A Datasheet HTML 1Page - PulseCore Semiconductor P2384A Datasheet HTML 2Page - PulseCore Semiconductor P2384A Datasheet HTML 3Page - PulseCore Semiconductor P2384A Datasheet HTML 4Page - PulseCore Semiconductor P2384A Datasheet HTML 5Page - PulseCore Semiconductor P2384A Datasheet HTML 6Page - PulseCore Semiconductor P2384A Datasheet HTML 7Page - PulseCore Semiconductor P2384A Datasheet HTML 8Page - PulseCore Semiconductor P2384A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
February 2007
P2384A
rev 0.2
Low Cost Frequency Multiplier
5 of 10
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
-40 to +85
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD 22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS - 0.3
0.8
V
VIH
Input high voltage
2.0
VDD + 0.3
V
IIL
Input low current
(Internal input pull-up resistor on FS0 and PDB)
180
µA
IIH
Input high current
(Internal input pull-up resistor on FS0 and PDB)
0
µA
IXOL
XOUT output low current
10
mA
IXOH
XOUT output high current
10
mA
VOL
Output low voltage (VDD = 3.3 V, IOL = 20 mA)
0.4
V
VOH
Output high voltage (VDD = 3.3 V, IOH = 20 mA)
2.5
V
IDD
Static supply current*
3
mA
ICC
Typical dynamic supply current
(25 pF scope probe loading)
28
mA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power-up time
7
mS
ZOUT
Clock output impedance
28
* XIN and PBD are pulled low.


Similar Part No. - P2384A

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
P238PP4DP1 PREMO-P238PP4DP1 Datasheet
109Kb / 1P
   Third generation of planar transformers
P238WD4DP1 PREMO-P238WD4DP1 Datasheet
109Kb / 1P
   Third generation of planar transformers
P238WD4DP2 PREMO-P238WD4DP2 Datasheet
109Kb / 1P
   Third generation of planar transformers
More results

Similar Description - P2384A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P2084A ONSEMI-P2084A Datasheet
152Kb / 7P
   Low Cost Frequency Multiplier
MARCH 2010 ??Rev. 1
P2084 ONSEMI-P2084_11 Datasheet
152Kb / 7P
   Low Cost Frequency Multiplier
JUNE 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2082A ALSC-P2082A Datasheet
395Kb / 9P
   Low Cost Frequency Multiplier
logo
Analog Devices
AD633JRZ-R7 AD-AD633JRZ-R7 Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633JRZ AD-AD633JRZ Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633 AD-AD633 Datasheet
144Kb / 8P
   Low Cost Analog Multiplier
REV. B
AD633ARZ-REEL7 AD-AD633ARZ-REEL7 Datasheet
903Kb / 21P
   Low Cost Analog Multiplier
Rev. J
AD633 AD-AD633_15 Datasheet
959Kb / 21P
   Low Cost Analog Multiplier
Rev. J
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
RMK-5-83 MINI-RMK-5-83 Datasheet
315Kb / 3P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com