Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM5P23S08A Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM5P23S08A
Description  3.3V ?쁓preadTrak??Zero Delay Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM5P23S08A Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM5P23S08A Datasheet HTML 1Page - PulseCore Semiconductor ASM5P23S08A Datasheet HTML 2Page - PulseCore Semiconductor ASM5P23S08A Datasheet HTML 3Page - PulseCore Semiconductor ASM5P23S08A Datasheet HTML 4Page - PulseCore Semiconductor ASM5P23S08A Datasheet HTML 5Page - PulseCore Semiconductor ASM5P23S08A Datasheet HTML 6Page - PulseCore Semiconductor ASM5P23S08A Datasheet HTML 7Page - PulseCore Semiconductor ASM5P23S08A Datasheet HTML 8Page - PulseCore Semiconductor ASM5P23S08A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
November 2006
ASM5P23S08A
rev 1.5
3.3V ‘SpreadTrak’ Zero Delay Buffer
3 of 17
Notice: The information in this document is subject to change without notice.
‘SpreadTrak’
Many systems being designed now utilize a technology
called Spread Spectrum Frequency Timing Generation.
ASM5P23S08A is designed so as not to filter off the
Spread Spectrum feature of the Reference input, assuming
it exists. When a zero delay buffer is not designed to pass
the Spread Spectrum feature through, the result is a
significant amount of tracking skew which may cause
problems in the systems requiring synchronization.
Zero Delay and Skew Control
All outputs should be uniformly loaded to achieve Zero
Delay between input and output.
To close the feedback loop of the ASM5P23S08A, the FBK
pin can be driven from any of the eight available output
pins. The output driving the FBK pin will be driving a total
load of 7pF plus any additional load that it drives. The
relative loading of this output (with respect to the remaining
outputs) can adjust the input output delay. This is shown in
the above graph.
For applications requiring zero input-output delay, all
outputs including the one providing feedback should be
equally loaded. If input-output delay adjustments are
required, use the above graph to calculate loading
differences between the feedback output and remaining
outputs. For zero output-output skew, make sure to load
outputs equally.
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
0
-500
-1000
-1500
500
1000
1500
Output Load Difference: FBK Load - CLKA/CLKB Load (pF)


Similar Part No. - ASM5P23S08A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5P23S08A ALSC-ASM5P23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P23S08A-1-16-SR ALSC-ASM5P23S08A-1-16-SR Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P23S08A-1-16-ST ALSC-ASM5P23S08A-1-16-ST Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P23S08A-1-16-TR ALSC-ASM5P23S08A-1-16-TR Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P23S08A-1-16-TT ALSC-ASM5P23S08A-1-16-TT Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
More results

Similar Description - ASM5P23S08A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASMP5P23S04A PULSECORE-ASMP5P23S04A Datasheet
435Kb / 15P
   3.3V ?쁓preadTrak??Zero Delay Buffer
ASM5P23S05A PULSECORE-ASM5P23S05A Datasheet
368Kb / 18P
   3.3V ?쁓preadTrak??Zero Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com