Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM3P2814AF-08TT Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM3P2814AF-08TT
Description  Low Power EMI Reduction IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2814AF-08TT Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM3P2814AF-08TT Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2814AF-08TT Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2814AF-08TT Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2814AF-08TT Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2814AF-08TT Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2814AF-08TT Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2814AF-08TT Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2814AF-08TT Datasheet HTML 8Page - PulseCore Semiconductor ASM3P2814AF-08TT Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ASM3P2811A/B
ASM3P2812A/B
April 2008
ASM3P2814A/B
rev 1.6
Low Power EMI Reduction IC
4 of 11
Notice: The information in this document is subject to change without notice.
Operating Conditions
Symbol
Parameter
Min
Max
Unit
VDD
Voltage on any pin with respect to GND
3.0
3.6
V
TA
Operating temperature
-40
+85
°C
CL
Load Capacitance
10
pF
CIN
Input Capacitance
7
pF
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS – 0.3
0.8
V
VIH
Input high voltage
2
VDD + 0.3
V
IIL
Input low current
(Inputs D_C, SRS and FRS are pulled high internally)
-50
µA
IIH
Input high current
50
µA
IXOL
XOUT Output low current
(VXOL@ 0.4V, VDD = 3.3V)
3
mA
IXOH
XOUT Output high current
(VXOH@ 2.5V, VDD = 3.3V)
3
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 5mA)
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = -5mA)
2.5
V
ICC
Dynamic supply current (Unloaded Output)
8
18
mA
IDD
Static supply current , Standby mode
(CLKIN pulled to GND)
4.5
mA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power up time (first locked clock cycle after power up)
500
µS
ZOUT
Clock out impedance
76
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency for ASM3P2811/12/13/14 A/B
10
40
MHz
Output frequency for ASM3P2811A/B
10
40
MHz
Output frequency for ASM3P2812A/B
20
80
MHz
fOUT
Output frequency for ASM3P2814A/B
40
160
MHz
tLH*
Output rise time (measured at 0.8V to 2.0V)
0.5
0.9
1.2
nS
tHL*
Output fall time (measured at 2.0V to 0.8V)
0.8
1.0
1.3
nS
tJC
Cycle to Cycle Jitter (Unloaded Output)
±250
pS
tD
Output duty cycle
45
50
55
%
* tLH and tHL are measured into a capacitive load of 10pF


Similar Part No. - ASM3P2814AF-08TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2814AF-08TT PULSECORE-ASM3P2814AF-08TT Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
More results

Similar Description - ASM3P2814AF-08TT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
   Low Power EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
   Low Power EMI Reduction IC
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
   Low Power EMI Reduction IC
logo
Alliance Semiconductor ...
P2811 ALSC-P2811 Datasheet
382Kb / 8P
   Low-Power EMI Reduction IC
ASM3P2811A ALSC-ASM3P2811A Datasheet
159Kb / 8P
   Low Power EMI Reduction IC
ASM3P5821A ALSC-ASM3P5821A Datasheet
173Kb / 7P
   Low Power EMI Reduction IC
ASM3P2109A ALSC-ASM3P2109A Datasheet
160Kb / 7P
   Low Power EMI Reduction IC
logo
ON Semiconductor
P2811A ONSEMI-P2811A Datasheet
136Kb / 6P
   Low Power EMI Reduction IC
JUNE 2011 ??Rev. 2
logo
PulseCore Semiconductor
PCS3P2537A PULSECORE-PCS3P2537A Datasheet
278Kb / 7P
   Low Power Peak EMI Reduction IC
logo
Alliance Semiconductor ...
P2010A ALSC-P2010A Datasheet
457Kb / 9P
   Low Frequency EMI Reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com