Electronic Components Datasheet Search |
|
200N5.25C250RFE Datasheet(PDF) 1 Page - Ohmite Mfg. Co. |
|
200N5.25C250RFE Datasheet(HTML) 1 Page - Ohmite Mfg. Co. |
|
1 / 1 page Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com 31 St andard p ar t number S for 200 S erie S 200 Series Brown Devil® Vitreous Enamel Power Ohmite’s Brown Devil® is a small, exceptionally durable power resistor. It features all-welded construction and rugged, flame resistant confor- mal lead free vitreous enamel coating to ensure successful performance under high tem- peratures. The wirewound 200 Series has a hollow-core construc- tion, which accommodates rigid mounting with brackets or thru bolts. Mounting brackets not included with resistors. F E a tur E s • Rugged lead free vitreous enam- el coating • All-welded construction. • Self supporting terminal mount- ing option. • Higher power ratings. • Flame-resistant lead free vitre- ous enamel coating. • RoHS compliant product avail- able. Add “E” suffix to part num- ber to specify. L D 1.50 in. -0/+0.25 38.10 mm -0/+6.35 C = Standard values; check availability using the world- wide inventory search at www.ohmite.com These values involve very fine resistance wire and should not be used in critical applications without burn-in and/or thermal cycling: B5: 6.8K-20K Ω B8: 12.5K-25K Ω B12: 30K-51K Ω B20: 22.5K-100K Ω 0.5 –––R50E 1 –––1R0E 1.1 –––1R1E 1.2 –––1R2E 1.3 –––1R3E 1.5 –––1R5E 1.6 –––1R6E 1.8 –––1R8E 2 –––2R0E 2.2 –––2R2E 2.4 –––2R4E 2.7 –––2R7E 3 –––3R0E 3.3 –––3R3E 3.6 –––3R6E 3.9 –––3R9E 4 –––4R0E 4.3 –––4R3E 4.7 –––4R7E 5 –––5R0E 5.1 –––5R1E 5.6 –––5R6E 6.2 –––6R2E 6.8 –––6R8E 7.5 –––7R5E 8.2 –––8R2E 9.1 –––9R1E 10 –––10RE 11 –––11RE 12 –––12RE 13 –––13RE 15 –––15RE 16 –––16RE 18 –––18RE 20 –––20RE 22 –––22RE 24 –––24RE 25 –––25RE 27 –––27RE 30 –––30RE 33 –––33RE 35 –––35RE 36 –––36RE 39 –––39RE 40 –––40RE 43 –––43RE 47 –––47RE 50 –––50RE 51 –––51RE 56 –––56RE 62 –––62RE 68 –––68RE 75 –––75RE 82 –––82RE 91 –––91RE 100 –––100E 110 –––110E 120 –––120E 125 –––125E 130 –––130E 150 –––150E 160 –––160E 180 –––180E 200 –––200E 220 –––220E 225 –––225E 240 –––240E 250 –––250E 2,250 –––2K25E 2,400 –––2K4E 2,500 –––2K5E 2,700 –––2K7E 2,750 –––2K75E 3,000 –––3K0E 3,300 –––3K3E 3,500 –––3K5E 3,600 –––3K6E 3,900 –––3K9E 4,000 –––4K0E 4,300 –––4K3E 4,500 –––4K5E 4,700 –––4K7E 5,000 –––5K0E 5,100 –––5K1E 5,600 –––5K6E 6,000 –––6K0E 6,200 –––6K2E 6,800 –––6K8E 7,000 –––7K0E 7,500 –––7K5E 8,000 –––8K0E 8,200 –––8K2E 8,500 –––8K5E 9,000 –––9K0E 9,100 –––9K1E 10,000 –––10KE 11,000 –––11KE 12,000 –––12KE 12,500 –––12K5E 13,000 –––13KE 13,500 –––13K5E 15,000 –––15KE 16,000 –––16KE 17,500 –––17K5E 18,000 –––18KE 20,000 –––20KE 22,500 –––22K5E 25,000 –––25KE 30,000 –––30KE 35,000 –––35KE 40,000 –––40KE 45,000 –––45KE 50,000 –––50KE 55,000 –––55KE 60,000 –––60KE 65,000 –––65KE 70,000 –––70KE 75,000 –––75KE 80,000 –––80KE 85,000 –––85KE 90,000 –––90KE 95,000 –––95KE 100,000 –––100KE Wattage Part No. Prefix Suffix Wattage Part No. Prefix Suffix Wattage Part No. Prefix Suffix 270 –––270E 300 –––300E 330 –––330E 350 –––350E 360 –––360E 390 –––390E 400 –––400E 430 –––430E 450 –––450E 470 –––470E 500 –––500E 510 –––510E 560 –––560E 600 –––600E 620 –––620E 650 –––650E 680 –––680E 700 –––700E 750 –––750E 800 –––800E 820 –––820E 900 –––900E 910 –––910E 1,000 –––1K0E 1,100 –––1K1E 1,200 –––1K2E 1,250 –––1K25E 1,300 –––1K3E 1,500 –––1K5E 1,600 –––1K6E 1,750 –––1K75E 1,800 –––1K8E 2,000 –––2K0E 2,200 –––2K2E Wattage Part No. Prefix Suffix Wattage Part No. Prefix Suffix See page 36 for mounting hardware Dimensions (in. / mm) Lead Max. series Wattage Ohms L D C Gauge Volt.* B5 5.25 0.1-20K 0.625 / 15.88 0.250 / 6.35 0.135 / 3.43 20 187 B8 8.0 0.03-25K 1.000 / 25.40 0.313 / 7.94 0.188 / 4.76 18 250 B12 12.0 0.08-51K 1.750 / 44.45 0.313 / 7.94 0.188 / 4.76 18 625 B20 20.0 0.1-100K 2.000 / 50.80 0.438 / 11.11 0.250 / 6.35 18 750 sPEC i F i C a ti ON s Material Coating: lead free vitreous enamel. Core: Ceramic. Terminals: Tinned axial; RoHS solder composition is 96% Sn, 3.5% Ag, 0.5% Cu Derating: Linearly from 100% @ +25°C to 0% @ +350°C. Electrical Tolerance: 1 Ω+: ±5% under 1 Ω: ±10% Power rating: Based on 25°C free air rating. Overload: 10 times rated wattage for 5 seconds. Temperature coefficient: 5 Ω and under: ±400 ppm/°C Above 5 Ω: ±260 ppm/°C To calculate max. amps: use the formula √P/R. ordering inf o m ade-to-order p ar t S � � � � � � � � Tolerance F = 1% H = 3% J = 5% K = 10% Ohms 1R0 = 1 Ω 250 = 250 Ω 1K0 = 1,000 Ω 25K = 25,000 Ω 25K5 = 25,500 Ω RoHS Compliant Series Wattage Non-Inductive Winding Optional (blank = std. winding) Coating Blank = Vitreous C = Centohm S = Silicone 2 0 0 N 8 D 5 R 0 0 0 J E Tolerance F = 1% H = 3% J = 5% K = 10% Core Diameter See “Core and Terminal Selection” Ohms R500 = 0.500 Ω 1R00 = 1 Ω 250R = 250 Ω 1K00 = 1,000 Ω 25K0 = 25,000 Ω 25K5 = 25,500 Ω RoHS Compliant Coating 200 = Vitreous 400 = Silicone Ceramic Wattage 3 5.25 8 12 20 Non-Inductive Winding Optional (blank = std. winding) See web- site for custom core info Non-Inductive versions available. Insert “N” before tolerance code. Example - B5NJ10RE Also available in low cost Centohm or Silicone coating. Consult Ohmite. * Maximum Voltage is based on Ohm’s Law [V= √P*R] as limited by the resistance value of specified product |
Similar Part No. - 200N5.25C250RFE |
|
Similar Description - 200N5.25C250RFE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |