Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42NJ1K0E Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # 42NJ1K0E
Description  Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

42NJ1K0E Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  42NJ1K0E Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
21
St andard p ar t number S for 40 S erie S
40 Series
Ohmicone® Silicone-Ceramic Conformal
Axial Term. Wirewound, 1% and 5% Tol. Std.
F e A T u r e S
• Economical
• Applications include commercial,
industrial and communications
equipment
• Stability under high temperature
conditions
• All-welded construction
• RoHS compliant; add “E” suffix
to part number to specify.
S p e C i F i C A T i O n S
Material
Coating: Conformal silicone-
ceramic.
Core: Ceramic.
Terminals: Solder-coated copper
clad axial. RoHS solder com-
position is 96% Sn, 3.5% Ag,
0.5% Cu
Derating
Linearly from
100% @ +25°C to
0% @ +275°C.
Electrical
Tolerance: ±5% (J type), ±1%
(F type) (other tolerances avail-
able).
Power rating: Based on
25°C free air rating (other
wattages available).
Overload: Under 5 watts:
5 times rated wattage for 5
seconds. 5 watts and over:
10 times rated wattage for
5 seconds.
Temperature coefficient:
Under 1
Ω: ±90 ppm/°C
1
Ω to 9.99Ω: ±50 ppm/°C
10
Ω and over: ±20
ppm/°C
Dimensions (in. / mm)
Lead
Series Wattage Ohms
Length
Diam.
Voltage ga.
41
1.0
0.10-6K
0.437 / 11.1
0.125 / 3.2
150
24
42
2.0
0.10-8K
0.406 / 10.3
0.219 / 5.6
100
20
43
3.0
0.10-20K
0.593 / 15.1
0.218 / 5.5
200
20
45
5.0
0.10-70K
0.937 / 23.8
0.343 / 8.7
460
18
47
7.0
0.10-80K
1.280 / 32.5
0.343 / 8.7
670
18
40
10.0 0.10-150K
1.642 / 41.7
0.406 / 10.3
1000
18
Non-Inductive versions available. Insert “N” before tolerance code. Example: 42NJ27R
0.1
–––R10         
0.15 –––R15         
0.2
–––R20         
0.25 –––R25
0.3
–––R30         
0.33 –––R33
0.4
–––R40
0.5
–––R50         
0.75 –––R75         
1
–––1R0         
1.5
–––1R5         
2
–––2R0         
2.2
–––2R2         
3
–––3R0         
4
–––4R0         
5
–––5R0         
7.5
–––7R5         
10
–––10R         
12
–––12R
15
–––15R         
18
–––18R
20
–––20R         
22
–––22R         
25
–––25R         
27
–––27R
30
–––30R         
33
–––33R         
35
–––35R         
39
–––39R         
40
–––40R         
47
–––47R         
50
–––50R         
56
–––56R         
62
–––62R         
= Standard values
= Non-standard values subject to mini-
mum handling charge per item
Shaded values
involve very fine
resistance wire
and should not
be used in criti-
cal applications
without burn-in
and/or thermal
cycling.
LD
1.5 in. / 38.1mm
1% Tolerance
5% Tolerance
Wattage and Tolerance
part no.
Prefix 
Suffix
1% Tolerance
5% Tolerance
Wattage and Tolerance
part no.
Prefix 
Suffix
2,200 –––2K2
2,500 –––2K5
2,700 –––2K7
3,000 –––3K0
3,300 –––3K3
3,500 –––3K5
3,900 –––3K9
4,000 –––4K0
4,500 –––4K5
4,700 –––4K7
5,000 –––5K0
6,000 –––6K0
6,800 –––6K8
7,000 –––7K0
7,500 –––7K5
8,000 –––8K0
9,000 –––9K0
10,000 –––10K
12,000 –––12K
13,000 –––13K
15,000 –––15K
17,000 –––17K
20,000 –––20K
22,000 –––22K
25,000 –––25K
30,000 –––30K
33,000 –––33K
35,000 –––35K
40,000 –––40K
50,000 –––50K
68
–––68R         
75
–––75R         
82 –––82R
100 –––100
120 –––120
125 –––125
150 –––150
180 –––180
200 –––200
220 –––220
225 –––225
250 –––250
270 –––270
300 –––300
330 –––330
350 –––350
390 –––390
400 –––400
450 –––450
470 –––470
500 –––500
560 –––560
600 –––600
680 –––680
750 –––750
800 –––800
820 –––820
900 –––900
1,000 –––1K0
1,100 –––1K1
1,200 –––1K2
1,500 –––1K5
1,800 –––1K8
2,000 –––2K0
1% Tolerance
5% Tolerance
Wattage and Tolerance
part no.
Prefix 
Suffix
o rdering info
41 N JR10E
40 Series
Ohmicone®
Silicone Ceramic
Conformal Axial
Term. Wirewound
Resistance Value
R10 = 0.10
1R0 = 1.0
10R = 10.0
250 =
250
1K0 = 1,000
4K5 = 4,500
50K = 50,000
Tolerance
F= 1%
J= 5%
RoHS
Compliant
Wattage
1= 1W
2
3
5
7
0= 10W
Non-Inductive
Winding
Optional (blank
= std. winding)
Ohmite 40 Series resistors are the most economical conformal
silicone-ceramic coated resistors offered. These all-welded units
are characterized by their low temperature coefficients and resis-
tance to thermal shock, making them ideal for a wide range of
electrical and electronic applications.
Units with 1% and 5% tolerances are identical in construction
and electrical specifications. Durable but economical 40 Series
resistors exceed industry requirements for quality.
Check product availability at
www.ohmite.com


Similar Part No. - 42NJ1K0E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
42NJ1K0E OHMITE-42NJ1K0E Datasheet
378Kb / 2P
   All-welded construction
More results

Similar Description - 42NJ1K0E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
45F120 OHMITE-45F120 Datasheet
213Kb / 1P
   Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
logo
List of Unclassifed Man...
RES ETC-RES_20 Datasheet
340Kb / 2P
   Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Std
logo
Ohmite Mfg. Co.
23JR30E OHMITE-23JR30E Datasheet
330Kb / 2P
   Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Std.
25J50RE OHMITE-25J50RE Datasheet
207Kb / 1P
   Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
20J500 OHMITE-20J500 Datasheet
207Kb / 1P
   Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
21JR10E OHMITE-21JR10E Datasheet
194Kb / 1P
   Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
logo
List of Unclassifed Man...
825F20RE ETC2-825F20RE Datasheet
116Kb / 1P
   Metal-Mite짰 Aluminum Housed Axial Term. Wirewound, 1% Tolerance
logo
Ohmite Mfg. Co.
805NFR005E OHMITE-805NFR005E Datasheet
129Kb / 1P
   Metal-Mite짰 Aluminum Housed Axial Term. Wirewound, 1% Tolerance
logo
List of Unclassifed Man...
91NJR10E ETC2-91NJR10E Datasheet
189Kb / 2P
   Lead Free Vitreous Enamel Molded Axial Term. Wirewound, 5% Tolerance Standard
logo
Ohmite Mfg. Co.
91NJ1R0E OHMITE-91NJ1R0E Datasheet
210Kb / 2P
   Lead Free Vitreous Enamel Molded Axial Term. Wirewound, 5% Tolerance Standard
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com