Part Name
         Description
ASM3P2107A

 Peak EMI Reducing Solution ( 7 Page)


PULSECORE
100% 
Zoom Out Zoom In
   
 3 page
background image
November 2006
ASM3P2107A
rev 0.4
Peak EMI Reducing Solution
3 of 7
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
GND – 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD + 0.3
V
IIL
Input low current
-
44
-
µA
IIH
Input high current
-
66
-
µA
IXOL
XOUT output low current (@ 0.4, VDD = 5V)
-
3
-
mA
IXOH
XOUT output high current (@2.5V, VDD = 5V)
-
3
-
mA
VOL
Output low voltage (VDD = 5V, IOL = 20mA)
-
-
0.4
V
VOH
Output high voltage (VDD = 5V, IOH = 20mA)
2.5
-
-
V
ICC
Dynamic supply current normal mode
(5V, 18MHz and 15pF loading)
-
40
-
mA
IDD
Static supply current standby mode
-
40
-
µA
VDD
Operating voltage
4.75
5.0
5.25
V
tON
Power up time (first locked clock cycle after power up)
-
0.18
-
mS
ZOUT
Clock out impedance
-
50
-
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
12
-
22
MHz
MODOUT
Output frequency
12
-
22
MHz
Input Frequency =12MHz
-
-2.13
-
fd
Frequency Deviation
Input Frequency =22MHz
-
-0.62
-
%
tLH*
Output rise time (measured at 0.8V to 2.0V)
-
440
-
pS
tHL*
Output fall time (measured at 2.0V to 0.8V)
-
300
-
pS
tJC
Jitter (cycle to cycle)
-
-
360
pS
tD
Output duty cycle
45
50
55
%
* VDD = +5V, Input Frequency = 18MHz, tLH and tHL are measured into a capacitive load of 15pF



Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
W180_05Peak Reducing EMI Solution 1 2 3 4 5 MoreCypress Semiconductor
W245-30Frequency Multiplying Peak Reducing EMI Solution 1 2 3 4 5 MoreCypress Semiconductor
RD151TS3316ARPSpread Spectrum Clock for EMI Solution 1 2 3 4 5 MoreRenesas Technology Corp
ASM3P622S01BLow Frequency Timing-Safe™ Peak EMI reduction IC 1 2 3 4 5 MorePulseCore Semiconductor
ASM3P623S00BTiming-Safe™ Peak EMI reduction IC 1 2 3 4 5 MorePulseCore Semiconductor
ASM3P623S00B_1Timing-Safe™ Peak EMI reduction IC 1 2 3 4 5 MorePulseCore Semiconductor
ASM3P623S01BTiming-Safe™ Peak EMI reduction IC 1 2 3 4 5 MorePulseCore Semiconductor
ASM3P623S05Timing-Safe™ Peak EMI reduction IC 1 2 3 4 5 MorePulseCore Semiconductor
HD151TS302RP_06Spread Spectrum Clock for EMI Solution 1 2 3 4 5 MoreRenesas Technology Corp

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl