Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93J1K0E Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # 93J1K0E
Description  Lead Free Vitreous Enamel Molded Axial Term. Wirewound, 5% Tolerance Standard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

93J1K0E Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  93J1K0E Datasheet HTML 1Page - Ohmite Mfg. Co. 93J1K0E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
25
St andard p ar t number S f O r 90 S erie S m O unting clip
Fea tures
• Prevents severe vibration or mechanical shock
to resistor
• Increases resistor wattage up to 100% when
mounted on metal surface (1.5 sq. in. by 0.040
in. thick min. per watt dissipated)
• Holes in clip base permit fastening to chassis
surface with machine screws, eyelets or rivets
• Sold in bags of ten (10)
Mounting Clip
For 90 series
resistor
clip
clip
clip
Hole
Hole
rating
length
width
height
no. of
centers
diameter
part no.
(watts)
(in./mm)
(in./mm)
(in./mm)
holes
(in./mm)
(in./mm)
5900
1.5
0.40 / 10.319
0.150 / 3.810
0.250 / 6.350
1
0.71 / 1.803
5902
2.25
0.35 / 8.890
0.217 / 5.500
0.275 / 6.980
2
0.156 / 3.969
0.71 / 1.803
5904
3.25
0.50 / 12.700
0.257 / 6.500
0.319 / 8.103
2
0.250 / 6.350
0.093 / 2.362
5906
5.0
0.90 / 22.860
0.237 / 6.019
0.284 / 7.214
2
0.400 / 10.160
0.103 / 2.616
5908
11.0
1.75 / 44.450
0.333 / 8.458
0.377 / 9.576
2
0.800 / 20.320
0.103 / 2.616
= Most popular standard values
= Standard values
= Non-standard values subject to
minimum handling charge per
item


Similar Part No. - 93J1K0E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
93J1K0E ETC2-93J1K0E Datasheet
189Kb / 2P
   Lead Free Vitreous Enamel Molded Axial Term. Wirewound, 5% Tolerance Standard
More results

Similar Description - 93J1K0E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
91NJR10E ETC2-91NJR10E Datasheet
189Kb / 2P
   Lead Free Vitreous Enamel Molded Axial Term. Wirewound, 5% Tolerance Standard
logo
Ohmite Mfg. Co.
25J50RE OHMITE-25J50RE Datasheet
207Kb / 1P
   Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
21JR10E OHMITE-21JR10E Datasheet
194Kb / 1P
   Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
20J500 OHMITE-20J500 Datasheet
207Kb / 1P
   Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
23JR30E OHMITE-23JR30E Datasheet
330Kb / 2P
   Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Std.
logo
List of Unclassifed Man...
RES ETC-RES_20 Datasheet
340Kb / 2P
   Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Std
logo
Ohmite Mfg. Co.
90SERIES OHMITE-90SERIES Datasheet
377Kb / 2P
   Lead Free Vitreous Enamel Molded
logo
Riedon Powertron
VT-3 RIEDON-VT-3_13 Datasheet
159Kb / 2P
   Vitreous Enamel Wirewound Resistors
VT-3 RIEDON-VT-3 Datasheet
281Kb / 2P
   Vitreous Enamel Wirewound Resistors
logo
Ohmite Mfg. Co.
RES-210 OHMITE-RES-210 Datasheet
261Kb / 2P
   Rugged lead free vitreous enamel coating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com