Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM3P18S19BG-08TR Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3P18S19BG-08TR
Description  Notebook LCD Panel EMI Reduction IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P18S19BG-08TR Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3P18S19BG-08TR Datasheet HTML 1Page - PulseCore Semiconductor ASM3P18S19BG-08TR Datasheet HTML 2Page - PulseCore Semiconductor ASM3P18S19BG-08TR Datasheet HTML 3Page - PulseCore Semiconductor ASM3P18S19BG-08TR Datasheet HTML 4Page - PulseCore Semiconductor ASM3P18S19BG-08TR Datasheet HTML 5Page - PulseCore Semiconductor ASM3P18S19BG-08TR Datasheet HTML 6Page - PulseCore Semiconductor ASM3P18S19BG-08TR Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
November 2006
ASM3P18S19B
rev 2.2
Low Power Mobile VGA EMI Reduction IC
3 of 7
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to +70
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
DC Electrical Characteristics
(Test condition: All parameters are measured at room temperature (+25°C) unless otherwise stated)
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input Low voltage
VSS - 0.3
-
0.8
V
VIH
Input High voltage
2.0
-
VDD + 0.3
V
IIL
Input Low current (inputs PD#, SRS)
-60.0
-
-20.0
µA
IIH
Input High current
-
-
1.0
µA
IXOL
XOUT Output low current @ 0.4V, VDD = 3.3V
-
3
-
mA
IXOH
XOUT Output high current @ 2.5V, VDD = 3.3V
-
3
-
mA
VOL
Output Low voltage VDD = 3.3V, IOL = 20mA
-
-
0.4
V
VOH
Output High voltage VDD = 3.3V, IOH = 20mA
2.5
-
-
V
ICC
Dynamic supply current normal mode
3.3V and 25pF probe loading
7.1
fIN - min
-
26.9
fIN - max
mA
IDD
Static supply current standby mode
-
4.5
-
mA
VDD
Operating Voltage
-
3.3
-
V
tON
Power up time (first locked clock cycle after power up)
-
0.18
-
mS
ZOUT
Clock Output impedance
-
50
-
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input Frequency
20
-
40
MHz
fOUT
Output Frequency
20
-
40
MHz
tLH*
Output Rise time
Measured from 0.8V to 2.0V
-
0.66
-
nS
tHL*
Output Fall time
Measured from 0.8V to 2.0V
-
0.65
-
nS
tJC
Jitter (Cycle to cycle)
-200
-
200
pS
tD
Output Duty cycle
45
50
55
%
*tLH and tHL are measured into a capacitive load of 15pF


Similar Part No. - ASM3P18S19BG-08TR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P18S19BG-08TR ALSC-ASM3P18S19BG-08TR Datasheet
197Kb / 7P
   Notebook LCD Panel EMI Reduction IC
More results

Similar Description - ASM3P18S19BG-08TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P1707A ONSEMI-P1707A Datasheet
113Kb / 6P
   Notebook LCD Panel EMI Reduction IC
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM3P18S19B ALSC-ASM3P18S19B Datasheet
197Kb / 7P
   Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1708C ONSEMI-P1708C Datasheet
174Kb / 7P
   Notebook LCD Panel EMI Reduction IC
FEBRUARY 2010 ??Rev. 2
P1727 ONSEMI-P1727 Datasheet
131Kb / 6P
   Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
P1707A ALSC-P1707A Datasheet
209Kb / 10P
   Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1819GF-08SR ONSEMI-P1819GF-08SR Datasheet
168Kb / 6P
   Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
P3P18S19B ONSEMI-P3P18S19B Datasheet
218Kb / 5P
   Notebook LCD Panel EMI Reduction IC
October 2010 ??Rev
logo
Alliance Semiconductor ...
P1819 ALSC-P1819 Datasheet
370Kb / 9P
   Notebook LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
P1707A PULSECORE-P1707A Datasheet
176Kb / 7P
   Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1819GF-08SR ONSEMI-P1819GF-08SR Datasheet
264Kb / 6P
   Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com