Part Name
         Description
ASM3P622S01B

 Low Frequency Timing-Safe™ Peak EMI reduction IC ( 12 Page)


PULSECORE
100% 
Zoom Out Zoom In
 
 5 page
background image
May 2007
ASM3P622S01B/J
rev 0.4
Low Frequency Timing-Safe™ Peak EMI Reduction IC
5 of 12
Notice: The information in this document is subject to change without notice.
Switching Characteristics for ASM3P622S01B/J
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
1/t1
Output Frequency
30pF load
4
20
MHz
Duty Cycle
2 = (t2 / t1) * 100
Measured at VDD/2
40
50
60
%
t3
Output Rise Time
1, 2
Measured between 0.8V and 2.0V
2.5
nS
t4
Output Fall Time
1, 2
Measured between 2.0V and 0.8V
2.5
nS
t5
Output-to-output skew
2
All outputs equally loaded
250
pS
t6
Delay, CLKIN Rising Edge to
CLKOUT Rising Edge
2
Measured at VDD /2
±250
pS
t7
Device-to-Device Skew
2
Measured at VDD/2 on the CLKOUT pins
of the device
700
pS
tJ
Cycle-to-cycle jitter
2
Loaded outputs
200
pS
tLOCK
PLL Lock Time
2
Stable power supply, valid clock presented
on CLKIN pin
1.0
mS
Note: 1. The parameters specified with loaded outputs.
2. Parameter is guaranteed by design and characterization. Not 100% tested in production



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ASM3P622S00BLow Frequency Timing-Safe™ Peak EMI reduction IC 1 2 3 4 5 MorePulseCore Semiconductor
ASM3P622S00ALow Frequency Timing-Safe™ Peak EMI reduction IC 1 2 3 4 5 MorePulseCore Semiconductor
W245-30Frequency Multiplying Peak Reducing EMI Solution 1 2 3 4 5 MoreCypress Semiconductor
HIP2100_04100V/2A Peak Low Cost High Frequency Half Bridge Driver 1 2 3 4 5 MoreIntersil Corporation
C5001Low Skew Multiple Frequency PCI Clock Generator with EMI Reducing SSCG. 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NB2779ALow Power Reduced EMI Clock Synthesizer 1 2 3 4 5 MoreON Semiconductor
NUF4001MULow Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package 1 2 3 4 ON Semiconductor
NUF4211MN_07Low Capacitance 4 Line EMI Filter with ESD Protection 1 2 3 4 ON Semiconductor
NUF8010MULow Capacitance 8 Line EMI Filter with ESD Protection in UDFN Package 1 2 3 4 ON Semiconductor
W180_05Peak Reducing EMI Solution 1 2 3 4 5 MoreCypress Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl