Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM2P2304NZF-08-TT Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM2P2304NZF-08-TT
Description  Four Output PCI-X and General Purpose Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P2304NZF-08-TT Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM2P2304NZF-08-TT Datasheet HTML 1Page - PulseCore Semiconductor ASM2P2304NZF-08-TT Datasheet HTML 2Page - PulseCore Semiconductor ASM2P2304NZF-08-TT Datasheet HTML 3Page - PulseCore Semiconductor ASM2P2304NZF-08-TT Datasheet HTML 4Page - PulseCore Semiconductor ASM2P2304NZF-08-TT Datasheet HTML 5Page - PulseCore Semiconductor ASM2P2304NZF-08-TT Datasheet HTML 6Page - PulseCore Semiconductor ASM2P2304NZF-08-TT Datasheet HTML 7Page - PulseCore Semiconductor ASM2P2304NZF-08-TT Datasheet HTML 8Page - PulseCore Semiconductor ASM2P2304NZF-08-TT Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
January 2007
ASM2P2304NZ
rev 1.1
Four Output PCI-X and General Purpose Buffer
3 of 9
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Parameter
Description
Min
Max
Supply Voltage to Ground Potential
-0.5
7
V
DC Input Voltage (Except BUF_IN)
-0.5
VDD + 0.5
V
DC Input Voltage (BUF_IN)
-0.5
7
V
Storage Temperature
-65
+150
°C
Max. Soldering Temperature (10 sec)
260
°C
Junction Temperature
150
°C
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2000
V
Note: These are stress ratings only and functional usage is not implied. Exposure to absolute maximum ratings for prolonged periods can affect device
reliability.
Operating Conditions
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
-40
85
°C
CL
Load Capacitance
-
25
pF
CIN
Input Capacitance
-
7
pF
BUF_IN,
OUTPUT [1:4]
Operating Frequency
DC
140
MHz
tPU
Power-up time for all VDD's to reach minimum specified
Voltage (Power ramps must be monotonic)
0.05
50
mS


Similar Part No. - ASM2P2304NZF-08-TT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2P2304NZF-08-TT ALSC-ASM2P2304NZF-08-TT Datasheet
667Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
ON Semiconductor
ASM2P2304NZF-08-TT ONSEMI-ASM2P2304NZF-08-TT Datasheet
106Kb / 7P
   Four Output PCI-X and General Purpose Buffer
August, 2011 ??Rev. 3
More results

Similar Description - ASM2P2304NZF-08-TT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2P2304NZ ALSC-ASM2P2304NZ Datasheet
667Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
Cypress Semiconductor
CY2304NZ CYPRESS-CY2304NZ Datasheet
71Kb / 5P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_12 Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_13 Datasheet
377Kb / 8P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_05 Datasheet
118Kb / 5P
   Four Output PCI-X and General Purpose Buffer
CY2304NZ CYPRESS-CY2304NZ_11 Datasheet
345Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
ON Semiconductor
ASM2P2304NZ ONSEMI-ASM2P2304NZ Datasheet
106Kb / 7P
   Four Output PCI-X and General Purpose Buffer
August, 2011 ??Rev. 3
logo
Integrated Circuit Syst...
ICS9DB104 ICST-ICS9DB104 Datasheet
105Kb / 13P
   Four Output Differential Buffer for PCI-Express
logo
Renesas Technology Corp
9DB401C RENESAS-9DB401C Datasheet
321Kb / 18P
   Four Output Differential Buffer for PCI Express
1/27/11
logo
Integrated Device Techn...
ICS9DB401C IDT-ICS9DB401C Datasheet
244Kb / 17P
   Four Output Differential Buffer for PCI Express
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com