Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM2P2351AF-24AT Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # ASM2P2351AF-24AT
Description  1-Line To 10-Line Clock Driver With 3-State Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P2351AF-24AT Datasheet(HTML) 5 Page - PulseCore Semiconductor

  ASM2P2351AF-24AT Datasheet HTML 1Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 2Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 3Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 4Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 5Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 6Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 7Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 8Page - PulseCore Semiconductor ASM2P2351AF-24AT Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
November 2006
ASM2P2351AH
rev 0.3
1-Line To 10-Line Clock Driver With 3-State Outputs
5 of 12
Notice: The information in this document is subject to change without notice.
Parameter Measurement Information
LOAD CIRCUIT
500Ω
500Ω
From Output
Under Test
CL = 50pF
(see Note A)
S1
6V
GND
OPEN
3V
1.5V
INPUT
tPLH
tPHL
VOH
VOL
OUTPUT
1.5V
1.5V
0.8V
0.8V
tr
tr
2V
2V
O V
TIMING INPUT
th
tsu
3V
1.5V
OV
DATA INPUT
3V
1.5V
1.5V
INPUT
tW
3 V
O V
1.5V
1.5V


Similar Part No. - ASM2P2351AF-24AT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2P2304NZ ALSC-ASM2P2304NZ Datasheet
667Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
PulseCore Semiconductor
ASM2P2304NZ PULSECORE-ASM2P2304NZ Datasheet
175Kb / 9P
   Four Output PCI-X and General Purpose Buffer
logo
ON Semiconductor
ASM2P2304NZ ONSEMI-ASM2P2304NZ Datasheet
106Kb / 7P
   Four Output PCI-X and General Purpose Buffer
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM2P2304NZF-08-SR PULSECORE-ASM2P2304NZF-08-SR Datasheet
175Kb / 9P
   Four Output PCI-X and General Purpose Buffer
ASM2P2304NZF-08-ST PULSECORE-ASM2P2304NZF-08-ST Datasheet
175Kb / 9P
   Four Output PCI-X and General Purpose Buffer
More results

Similar Description - ASM2P2351AF-24AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBR TI-CDC351DBR Datasheet
507Kb / 13P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI-CDC2351DBR Datasheet
760Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI1-CDC2351DBR Datasheet
775Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI-CDC2351 Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351 TI-CDC351 Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI-CDC208 Datasheet
160Kb / 10P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208_15 TI-CDC208_15_15 Datasheet
826Kb / 16P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI1-CDC208_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com